Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-A1A-R/N

  • AI
    The **W2AP-A1A-R/N** is a specific model of an **Industrial Wireless Access Point**, typically manufactured by companies like **Azbil** (formerly Yamatake) for industrial automation environments. This device is designed to bridge field instruments with a central control system using wireless protocols. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Device Type** | Industrial Wireless Access Point / Field Communication Gateway | | **Model Code Breakdown** | **W2AP**: Series Name
    **A1A**: Specific Hardware Configuration
    **R/N**: Regional/Regulatory markers (e.g., Japan/North America) | | **Wireless Protocol** | IEEE 802.11 b/g/n (Wi-Fi) or ISA100.11a (Field Mesh) | | **Power Supply** | 24V DC (Standard for industrial DIN rail equipment) | | **Enclosure Rating** | Typically IP20 (Indoor/Panel mount) | | **Interface** | Ethernet (RJ45), Serial (RS-485/232), and Antenna ports | --- ### 2. Major Electronic Components The internal architecture of the W2AP-A1A-R/N consists of several critical subsystems: #### A. Radio Frequency (RF) Module This is the heart of the device. It contains the **Transceiver IC** and **Power Amplifier (PA)**. * **Function:** Handles the modulation and demodulation of radio signals. * **Antenna Port:** Usually an SMA or N-type connector with lightning surge protection circuitry. #### B. Main Processor & Memory * **Microcontroller/SoC:** A high-speed processor manages the data traffic between the wireless mesh and the wired Ethernet network. * **Flash Memory:** Stores the firmware and configuration settings. * **RAM:** Handles real-time data buffering to ensure low-latency communication. #### C. Power Management Circuitry * **DC-DC Converters:** Steps down the 24V DC input to 5V, 3.3V, or 1.8V required by the internal ICs. * **Protection:** Includes polarity protection, overcurrent fuses, and EMI (Electromagnetic Interference) filtering to prevent industrial noise from affecting performance. #### D. Communication Interfaces * **Ethernet Controller:** A physical layer (PHY) chip that manages the 10/100 Mbps wired connection. * **Isolation Transformers:** Provides galvanic isolation for the Ethernet port to protect the internal electronics from ground loops or surges. --- ### 3. Application Use-Case This part is commonly used in **Smart Factories** for: 1. **Sensor Data Aggregation:** Collecting data from wireless pressure or temperature transmitters. 2. **Remote Monitoring:** Providing a backbone for mobile workers using tablets to access PLC data. 3. **Hazardous Area Bridging:** Acting as the gateway that stays in the "safe zone" while communicating with "Ex-rated" wireless devices in the field. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific wireless protocol supported by the A1A variant?
    • ⤷ Can this device be mounted on a standard DIN rail?
    • ⤷ Does the R/N suffix indicate specific regional frequency certifications?