Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-A1A-R2

  • AI
    The **W2AP-A1A-R2** is a specific model within the **W2 series** of high-performance wireless access points manufactured by **Altai Technologies**. It is designed for carrier-grade outdoor and indoor deployments, focusing on high density and long-range coverage. --- ### 1. Key Technical Specifications The electronics inside the W2AP-A1A-R2 are engineered for the **802.11ac Wave 2** standard, utilizing Multi-User MIMO (MU-MIMO) technology. | Feature | Specification | | :--- | :--- | | **Wi-Fi Standard** | 802.11a/b/g/n/ac Wave 2 | | **Radio Bands** | Concurrent Dual-band (2.4 GHz & 5 GHz) | | **MIMO Stream** | 2 x 2:2 MU-MIMO | | **Data Rate** | Up to 1.167 Gbps (300 Mbps @ 2.4GHz + 867 Mbps @ 5GHz) | | **Power Supply** | 802.3af PoE or 12V DC Adapter | | **Ethernet Port** | 1 x 10/100/1000 Mbps (RJ-45) | --- ### 2. Internal Electronic Components The device consists of several critical sub-systems that handle signal processing and networking: #### A. Radio Frequency (RF) Front-End * **Integrated Antennas:** Features built-in high-gain antennas designed to minimize interference. * **Transmit/Receive (Tx/Rx) Chains:** Independent chains for both frequency bands allow the device to handle multiple client devices simultaneously without significant latency. #### B. Processing Unit * **Main SoC (System on Chip):** Typically utilizes a high-performance Qualcomm or Broadcom networking chipset capable of hardware-accelerated encryption and packet inspection. * **Memory:** Includes onboard Flash memory for the AltaiOS firmware and RAM for managing routing tables and active user sessions. #### C. Power Management * **PoE Controller:** A specialized circuit that extracts power from the Ethernet cable (Power over Ethernet) while filtering data signals. * **Voltage Regulators:** Internal DC-to-DC converters that step down input power to the 1.1V, 1.8V, and 3.3V levels required by the CPU and RF chips. --- ### 3. Connection and Interface Layout The physical electronic interfaces are located at the base or rear of the unit: 1. **GE Port:** The primary backbone connection for data and PoE power. 2. **Reset Button:** A hardware interrupt to restore factory default settings. 3. **LED Indicators:** Visual feedback electronics for Power, Status, and Signal Strength. --- ### 4. Comparison: Wave 1 vs. Wave 2 (R2) The "R2" in the model name signifies the **Wave 2** revision. The electronic differences compared to older versions include: * **MU-MIMO Support:** Allows the electronics to talk to multiple clients at once rather than one-by-one. * **Beamforming:** Uses digital signal processing to direct the Wi-Fi signal toward a specific device location. * **Better Efficiency:** Improved thermal management and lower power consumption per megabit of data transferred.
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of concurrent users supported by the W2AP-A1A-R2?
    • ⤷ Does this model support external antenna attachments or only internal?
    • ⤷ What are the mounting options for the Altai W2 series?