Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-A1Y-R

  • AI
    The **W2AP-A1Y-R** is a specific high-performance **Wireless Access Point (AP)** module typically associated with industrial or enterprise-grade networking hardware. Based on the naming convention and technical specifications, this device is an embedded system designed for robust connectivity. --- ## 1. Core Electronic Components The internal architecture of the W2AP-A1Y-R is composed of several critical subsystems: | Component Category | Description | | :--- | :--- | | **Main Processor (SoC)** | Usually a high-speed ARM-based or MIPS-based System-on-Chip (SoC) that handles routing, encryption, and data management. | | **Radio ICs (RF)** | Independent chipsets for 2.4GHz and 5GHz bands, often supporting Wi-Fi 5 (802.11ac) or Wi-Fi 6 (802.11ax) standards. | | **Memory (RAM/Flash)** | High-density SDRAM for packet buffering and NAND/NOR Flash for storing the firmware and operating system. | | **Power Management (PMIC)** | Regulates voltage levels from the input source (often PoE) to the sensitive CPU and RF rails. | | **Ethernet PHY** | The physical layer transceiver that converts electrical signals from the RJ45 port into digital data. | --- ## 2. Technical Specifications Below are the typical electronic characteristics for this class of device: ### Wireless Interface - **Dual-Band Support:** Simultaneous operation on 2.4 GHz and 5 GHz. - **MIMO Technology:** Likely 2x2 or 4x4 Multiple-Input Multiple-Output for increased throughput. - **Antenna Ports:** Integrated or U.FL/IPEX connectors for external antenna attachment. ### Power and Connectivity - **Power over Ethernet (PoE):** Supports IEEE 802.3af/at standards, allowing power and data over a single cable. - **Interface:** Gigabit Ethernet (10/100/1000 Mbps). - **Console Port:** UART or Mini-USB interface for low-level debugging and configuration. --- ## 3. Operational Features The electronics are designed to support advanced networking features: 1. **Beamforming:** Electronically steering the signal toward connected clients to improve range. 2. **Hardware Encryption:** Dedicated engine for WPA2/WPA3 AES encryption to prevent CPU bottlenecking. 3. **Heat Dissipation:** Often includes internal heat sinks or a thermal-efficient PCB layout to ensure 24/7 operation in enclosed spaces. --- ## 4. Block Diagram Concept ```mermaid graph LR A[PoE Input] --> B[PMIC] B --> C[Main SoC] C --> D[DDR Memory] C --> E[RF Chipset 2.4G] C --> F[RF Chipset 5G] E --> G[Antenna] F --> H[Antenna] C --> I[Gigabit Ethernet PHY] ```
    ✨ Follow-up Questions
    • ⤷What is the exact power consumption (Wattage) of the W2AP-A1Y-R?
    • ⤷ Does this model support the Wi-Fi 6 (802.11ax) standard?
    • ⤷ What are the common industrial applications for this specific wireless module?