Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-A1Y-R2

  • AI
    The **W2AP-A1Y-R2** is a specific model within the **W2AP series** of industrial Analog-to-Analog Signal Conditioners (Transmitters) manufactured by **M-System**. These devices are used to isolate and convert standard industrial signals to ensure compatibility between sensors and PLC/DCS systems. --- ### 1. Model Breakdown (Nomenclature) The model number specifies the hardware configuration and input/output characteristics: | Code Segment | Description | Specific Value | | :--- | :--- | :--- | | **W2AP** | Series Name | Dual Output Signal Conditioner (Ultra-slim) | | **A** | Input Type | **4 – 20 mA DC** | | **1** | Output 1 | **1 – 5 V DC** | | **Y** | Output 2 | **None / Specific (Varies by build)** | | **R2** | Power Supply | **24 V DC** | --- ### 2. Key Electronic Components & Features The internal circuitry of the W2AP-A1Y-R2 is designed for precision and protection in harsh environments. #### A. Input Circuit (4-20mA) * **Shunt Resistor:** Usually a high-precision, low-drift resistor that converts the current signal into a voltage for internal processing. * **Overload Protection:** Includes diodes or clamping circuits to protect the unit from current surges. #### B. Isolation Barrier This is a critical electronic feature of this part. It provides **3-way isolation** (Input to Output to Power). * **Optical/Magnetic Couplers:** Uses optoisolators or transformers to pass the signal across a physical gap, preventing ground loops and protecting sensitive equipment from high-voltage transients. #### C. Signal Conditioning & Conversion * **Operational Amplifiers (Op-Amps):** High-linearity amplifiers used to scale the input signal (4-20mA) to the standard output range (1-5V). * **Zero/Span Adjustments:** Potentiometers located on the front of the device allow for fine-tuning the calibration to compensate for line loss. #### D. Power Supply Unit * **DC-DC Converter:** Since it operates on 24V DC, internal DC-DC conversion is used to provide stable, regulated voltages for the internal analog circuits. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Impedance** | 250 $\Omega$ (for 4-20mA) | | **Output Load Resistance** | Output 1: 2500 $\Omega$ minimum | | **Accuracy** | $\pm$0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation Resistance** | 100 M$\Omega$ minimum at 500 V DC | | **Dielectric Strength** | 2000 V AC @ 1 minute | --- ### 4. Application Logic The W2AP-A1Y-R2 is typically used when a field instrument (like a flow meter) outputs a **4-20mA current loop**, but the controller (PLC) requires a **1-5V voltage signal**. The device ensures that electrical noise on the field side does not travel to the control side through its isolation circuitry.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span on the W2AP-A1Y-R2?
    • ⤷ What are the mounting requirements for this specific signal conditioner?
    • ⤷ Can the W2AP series handle AC power supply versions?