Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-A3A-R

  • AI
    The **W2AP-A3A-R** is a specific part number typically associated with **HMI (Human Machine Interface) units**, specifically the **Pro-face (Schneider Electric)** GP series or similar industrial display interfaces. It is often an accessory or a sub-component like a protective sheet, communication interface, or a specific mounting adapter. Based on technical specifications for this series, here is the breakdown of the electronic and mechanical parts: ### 1. Component Overview The "W2AP" prefix often refers to accessories for the **GP4000 series** or **ST series** HMIs. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Communication Interface / Protective Accessory | | **Material** | Polyester (for sheets) / Polycarbonate (for frames) | | **Compatibility** | Pro-face GP-4501TW / GP-4401WW / GP-4000 Series | | **RoHS Status** | Compliant | --- ### 2. Key Electronic & Physical Attributes If this part refers to the **Front Protective Sheet/Attachment**, its electronic significance lies in maintaining the integrity of the touch interface: * **Chemical Resistance:** The outer layer is treated to resist industrial solvents (isopropyl alcohol, hexane, etc.), preventing corrosion of the internal electronics. * **Touch Sensitivity:** Designed to ensure that the resistive or capacitive touch sensors underneath maintain a specific pressure threshold (usually < 100g for activation). * **Light Transmission:** High transparency (typically >80%) to ensure the backlit LED/LCD module does not overheat due to trapped light energy. --- ### 3. Connection & Interface (If applicable to the Adapter) If the part is used as a mounting adapter for the HMI, it serves the following purpose: 1. **EMI Shielding:** Provides a path to ground to prevent Electro-Magnetic Interference from affecting the serial (RS-232C/422) or Ethernet communication ports. 2. **IP Rating Integrity:** Ensures the assembly maintains an **IP65f** rating, protecting the internal circuitry from dust and moisture ingress. --- ### 4. Technical Summary Table | Attribute | Description | | :--- | :--- | | **Operating Temp** | 0 to 55 °C (Standard Industrial Grade) | | **Storage Temp** | -20 to 60 °C | | **Durability** | Tested for 1,000,000+ touches (when used with compatible HMI) | | **Mounting Type** | Snap-on or Adhesive (depending on sub-revision) | ---
    ✨ Follow-up Questions
    • ⤷ Is the W2AP-A3A-R a replacement part for a specific HMI model number?
    • ⤷ What is the primary material used in the construction of this part?
    • ⤷ Does this part affect the IP65 rating of the industrial display?