Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-D23-R/N

  • AI
    The **W2AP-D23-R/N** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component** used in power management circuits. Below is a detailed breakdown of its specifications, electronic characteristics, and typical applications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Shielded Magnetic Core | | **Series** | W2AP (Commonly associated with high-efficiency power series) | | **Inductance** | Variable (Check specific marking, often indicated by the "D23" code) | | **Tolerance** | Generally ±20% (Standard for power inductors) | | **Mounting Type** | SMD (Surface Mount Device) | | **Termination** | Lead-free (RoHS Compliant) | --- ### 2. Core Electronic Parts & Construction The W2AP-D23 series is built using several critical layers to ensure stability under high-current loads: 1. **Magnetic Core:** Usually composed of a **Ferrite** or **Metal Alloy** powder. This material is chosen for its high saturation flux density, preventing the inductor from losing its properties when high current flows through it. 2. **Copper Winding:** A precision-wound copper coil inside the body. The thickness of the wire determines the **DC Resistance (DCR)**; lower DCR results in higher efficiency. 3. **Shielding:** The "R/N" designation often implies a **Magnetically Shielded** construction. This reduces Electromagnetic Interference (EMI) with neighboring components on the PCB. 4. **Epoxy/Resin Coating:** The exterior is molded in a high-temperature resistant resin to provide mechanical stability and protection against humidity. --- ### 3. Electronic Characteristics * **Low DCR (DC Resistance):** Designed to minimize power loss as heat. * **High Saturation Current:** It can handle significant current "spikes" before the inductance drops significantly. * **Compact Footprint:** The "D23" often refers to the physical dimensions (e.g., approximately 2.0mm x 3.0mm or similar standardized sizing depending on the manufacturer). --- ### 4. Typical Applications These parts are essential in modern compact electronics for voltage regulation: * **DC-DC Converters:** Used in "Buck" or "Boost" converters to step voltage up or down. * **Smartphones & Tablets:** Powering CPUs and GPUs where space is limited but current demand is high. * **IoT Devices:** Ensuring stable power delivery from batteries. * **LED Drivers:** Managing current flow to maintain consistent brightness. --- ### 5. Identification Code Breakdown While manufacturer naming conventions vary slightly, the suffix usually indicates: * **R:** Often denotes "Reel" packaging (Tape & Reel) for automated assembly. * **N:** Can denote a specific tolerance level or a "Non-polarity" marking.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the D23 variant?
    • ⤷ What are the recommended soldering temperature profiles for this SMD part?
    • ⤷ Can this component be used in high-frequency switching power supplies?