Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-D2G-R2

  • AI
    The **W2AP-D2G-R2** is a high-performance, enterprise-grade wireless access point, typically associated with the **Edgecore** or **Accton** hardware ecosystems. It is designed to provide high-density Wi-Fi connectivity for professional environments. --- ## 1. Core Hardware Specifications The internal electronic architecture of the W2AP-D2G-R2 is built around a powerful System-on-Chip (SoC) designed to handle simultaneous data streams and heavy encryption. | Feature | Specification | Description | | :--- | :--- | :--- | | **Wireless Standard** | 802.11ac Wave 2 | Supports MU-MIMO for multiple simultaneous users. | | **Radio Bands** | Dual-Band (2.4 GHz & 5 GHz) | Concurrent operation for high throughput. | | **Max Throughput** | ~1.2 Gbps - 1.7 Gbps | Combined data rate across both radios. | | **MIMO Config** | 2x2 or 4x4 (Model Dep.) | Multiple Input Multiple Output for better signal penetration. | | **Ethernet Ports** | 10/100/1000 Base-T | Gigabit uplink with PoE (Power over Ethernet) support. | --- ## 2. Key Electronic Components ### A. Processor and Memory * **Main CPU:** Usually powered by a Qualcomm Atheros or Broadcom enterprise chipset. * **RAM:** Typically 256MB to 512MB of DDR3/DDR4 memory to manage the routing table and connected client list. * **Flash Memory:** 32MB to 128MB for storing the firmware (Dual-image support is common for fail-safe updates). ### B. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Increases the signal strength for better coverage. * **Low Noise Amplifiers (LNA):** Improves the sensitivity of the receiver to "hear" weak signals from distant mobile devices. * **Antenna System:** Integrated high-gain omnidirectional antennas designed for ceiling or wall mounting. ### C. Power Management * **PoE (802.3at/af):** The device is powered through the Ethernet cable, eliminating the need for a local AC outlet. * **Voltage Regulators:** Internal DC-DC converters step down the 48V PoE input to 12V, 5V, and 3.3V for the internal ICs. --- ## 3. Physical Interface & Connectivity ```text Port Layout: [ Console ] [ LAN/PoE In ] [ Reset ] [ DC Jack (Optional) ] | | | | Serial Access Data + Power Factory Reset Local Power ``` ### Electronic Protections * **Surge Protection:** Built-in ESD protection on the Ethernet port to prevent damage from lightning or static. * **Thermal Management:** Internal aluminum heat sinks to dissipate heat from the SoC during high-traffic periods. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the W2AP-D2G-R2?
    • ⤷ Does this model support centralized controller management?
    • ⤷ What is the maximum number of concurrent clients supported by this hardware?