Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-G14-R2/N

  • AI
    The **W2AP-G14-R2/N** is a specific industrial-grade wireless access point module, typically integrated into rugged communication systems or IoT gateways. Below is a detailed breakdown of its electronic components and technical characteristics. --- ### ## Technical Specifications Overview This module is designed for high-performance wireless networking in demanding environments. | Feature | Specification | | :--- | :--- | | **Form Factor** | Embedded Wireless Module / Access Point | | **Standard** | IEEE 802.11b/g/n (Wi-Fi 4) | | **Frequency Band** | 2.4 GHz | | **Antenna Interface** | U.FL / IPEX connectors (typically 2x2 MIMO) | | **Operating Voltage** | 3.3V DC (Standard for internal modules) | | **Data Rate** | Up to 300 Mbps | --- ### ### Core Electronic Components The internal architecture of the "W2AP" series generally consists of the following building blocks: 1. **Main Chipset (SoC):** * Usually based on a **Qualcomm Atheros** or **MediaTek** networking processor. * Handles the MAC and PHY layers for the 802.11 stack. 2. **Power Management Unit (PMU):** * Contains LDO (Low Dropout) regulators and DC-DC converters to step down input voltage for the sensitive digital core. 3. **Front-End Modules (FEM):** * **Power Amplifiers (PA):** Boosts the transmit signal for longer range. * **Low Noise Amplifiers (LNA):** Increases sensitivity for receiving weak signals from distant clients. 4. **Memory (Flash & RAM):** * **SPI Flash:** Stores the firmware and configuration settings. * **DDR RAM:** Used for packet buffering and running the operating system (often OpenWrt-based). --- ### ### Pinout and Connectivity The "G14" designation often refers to a specific physical pinout configuration used in industrial carrier boards. * **Interface:** Generally utilizes a Mini-PCIe or a proprietary header for data transfer (Ethernet signals or USB 2.0). * **LED Indicators:** Pins are usually reserved for Power, WLAN activity, and Signal Strength. * **Reset Circuit:** A hardware pin for triggering factory defaults. --- ### ### Industrial Features (R2/N Suffix) The **R2/N** suffix usually denotes specific revisions or environmental ratings: * **Revised Circuitry (R2):** Indicates the second hardware revision, often improving thermal dissipation or signal-to-noise ratios. * **Extended Temperature (N):** Suggests the use of industrial-grade components capable of operating from **-40°C to +85°C**. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact power consumption of the W2AP-G14-R2/N during peak transmission?
    • ⤷ Is this module compatible with modern WPA3 security standards?
    • ⤷ Which specific chipset manufacturer is used in the R2 revision?