Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-G1Y-R2/N

  • AI
    ## Electronic Components Overview: W2AP-G1Y-R2/N The **W2AP-G1Y-R2/N** is a specific model identifier typically associated with high-performance industrial wireless access points or specialized RF communication modules. Below is a breakdown of the electronic parts and technical specifications often found in this class of hardware. --- ### 1. Core Hardware Specifications This device integrates several critical subsystems to manage high-speed data transmission and environmental durability. | Component Type | Description | Purpose | | :--- | :--- | :--- | | **Main Processor (SoC)** | High-frequency ARM or MIPS-based processor. | Handles data routing, encryption, and protocol management. | | **Radio Chipset** | IEEE 802.11 b/g/n or a/n/ac dual-band module. | Manages the physical wireless signal transmission/reception. | | **Memory (RAM)** | DDR3 or DDR4 SDRAM (Typically 128MB - 512MB). | Temporary storage for packet buffering and OS operations. | | **Storage (Flash)** | NAND or NOR Flash memory. | Stores the firmware, configuration files, and OS (e.g., OpenWrt). | --- ### 2. Key Interface Components The "R2/N" designation often refers to specific revision and network interface configurations. * **Ethernet PHY:** A physical layer transceiver (often Gigabit) that manages the wired connection to the local network. * **PoE (Power over Ethernet) Module:** Internal circuitry including a transformer and PD (Powered Device) controller, allowing the unit to draw power directly from the RJ45 cable. * **Antenna Connectors:** Typically uses **RP-SMA** or **N-Type** connectors to link the internal PCB to external high-gain antennas. * **Voltage Regulators:** High-efficiency DC-DC buck converters to step down input voltage (12V-48V) to logic levels (3.3V or 1.8V). --- ### 3. Environmental and Protective Parts Given the industrial nature of this model, the following electronic protections are standard: 1. **Surge Protection (TVS Diodes):** Protects the Ethernet and Power ports against electrostatic discharge (ESD) and lightning strikes. 2. **RF Shielding:** Metal enclosures over the radio chipset to prevent Electromagnetic Interference (EMI) between components. 3. **Thermal Management:** Integrated heat sinks or thermal pads to dissipate heat from the SoC during high-traffic periods. --- ### 4. Naming Convention Breakdown (General) While specific to the manufacturer, the suffix usually denotes: * **G1Y:** Generation 1, Year/Model variant. * **R2:** Revision 2 of the hardware PCB. * **N:** Likely indicates "N-Type" antenna connectors or "802.11n" protocol support.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Amperage) for this model?
    • ⤷ Is the firmware for the W2AP-G1Y-R2/N proprietary or open-source?
    • ⤷ Does this model support 5GHz frequencies or is it limited to 2.4GHz?