Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-G25-R/CE

  • AI
    The **W2AP-G25-R/CE** is a high-performance, industrial-grade wireless access point module typically used in automation, IoT gateways, and networking equipment. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Key Technical Specifications The module is designed for reliability in harsh environments, featuring dual-band support and a robust chipset architecture. | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11 a/b/g/n/ac (Wi-Fi 5) | | **Frequency Bands** | 2.4 GHz and 5 GHz | | **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) | | **Interface** | Mini PCIe / USB / Ethernet (Model dependent) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Data Rate** | Up to 867 Mbps (on 5GHz band) | --- ### 2. Core Electronic Components The internal PCB of the W2AP-G25-R/CE consists of several critical subsystems: #### A. Main SoC (System on Chip) Usually based on a **Qualcomm Atheros** or **MediaTek** high-integration chipset. This chip handles: * The MAC (Media Access Control) layer. * The Baseband processor for signal modulation. * CPU cycles for managing network traffic and security protocols (WPA2/WPA3). #### B. RF Front-End Modules (FEM) The RF section includes Power Amplifiers (PA) and Low Noise Amplifiers (LNA): * **PA (Power Amplifier):** Boosts the signal for transmission to ensure long-range connectivity. * **LNA (Low Noise Amplifier):** Increases the sensitivity of the receiver to pick up weak signals from distant clients. * **Diplexers:** Allow the 2.4GHz and 5GHz signals to share the same antenna paths without interference. #### C. Power Management Circuitry The module incorporates **Buck Converters (Step-down regulators)** and **LDOs (Low Dropout Regulators)**. These take the input voltage (typically 3.3V or 5V) and stabilize it for the sensitive digital and analog components, filtering out electromagnetic interference (EMI). #### D. Storage and Memory * **Flash Memory:** Stores the firmware (Operating System), configuration settings, and bootloader. * **DDR RAM:** Used for temporary data buffering and running the network stack efficiently under high load. --- ### 3. Physical Layout and Connectivity The "R/CE" designation often refers to specific regional certifications (like CE for Europe) and hardware revisions. ```mermaid graph LR A[Antenna Port 1] --- B[RF Switch/FEM] A2[Antenna Port 2] --- B B --- C[Main SoC / Wi-Fi Chip] C --- D[PCIe/USB Interface] C --- E[Memory/Flash] F[Power Supply] --- C ``` --- ### 4. Application Context Due to its **W2 (Industrial)** rating, this part is commonly found in: 1. **Industrial Routers:** Providing Wi-Fi backhaul for factory machines. 2. **Medical Equipment:** High-reliability wireless data transmission. 3. **Smart City Infrastructure:** Outdoor wireless nodes requiring wide temperature tolerance.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for this module at peak load?
    • ⤷ Does this module support OpenWrt or other open-source firmware?
    • ⤷ What is the specific chipset model used in the G25-R revision?