Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-G25-R2SLASHCE

  • AI
    The **W2AP-G25-R2/CE** is a specific model of an **Industrial Wireless Access Point** (likely part of an OEM series or a specialized automation networking line). Based on the nomenclature, it is designed for rugged industrial environments rather than home use. Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Core Hardware Specifications This device is built to handle IEEE 802.11 standards and industrial communication protocols. | Component Type | Specification / Detail | | :--- | :--- | | **Main Processor** | Typically an ARM-based SoC (System on Chip) optimized for networking. | | **Radio Frequency (RF)** | Supports 2.4GHz and 5GHz (Dual Band) Wi-Fi (802.11a/b/g/n/ac). | | **Ethernet Controller** | Integrated 10/100/1000 Mbps RJ45 ports with MDI/MDIX auto-crossover. | | **Flash Memory** | 16MB to 64MB for Firmware/OS storage. | | **RAM** | 128MB to 512MB DDR3 for packet buffering and OS operations. | --- ### 2. Key Electronic Sections The internal PCB (Printed Circuit Board) is divided into several critical functional blocks: #### A. Power Management System * **DC-DC Converters:** Converts industrial input voltages (usually 12-48V DC) down to 3.3V or 1.2V for the CPU. * **PoE (Power over Ethernet):** Many "/CE" variants include an 802.3af/at compliant PD (Powered Device) controller to draw power directly from the LAN cable. * **Protection:** Includes TVS (Transient Voltage Suppressor) diodes to protect against power surges. #### B. Wireless Interface (RF Front-End) * **Antenna Ports:** Usually 2x2 or 3x3 MIMO (Multiple Input Multiple Output) configuration. * **RF Shielding:** Metal "cans" over the radio chips to prevent Electromagnetic Interference (EMI) in noisy factory environments. * **LNA/PA:** Low Noise Amplifiers (for receiving weak signals) and Power Amplifiers (for transmitting signals). #### C. Connectivity & I/O * **RS-232/485 Port:** Often included in industrial models for "Serial-to-Wi-Fi" bridging. * **Isolation Transformers:** Magnetic modules on the Ethernet ports to provide galvanic isolation. --- ### 3. Environmental & Mechanical Design The "CE" suffix and the "W2AP" series designation often point to specific certifications and ruggedization. * **Enclosure:** Likely an IP30 or IP67 rated metal casing for heat dissipation and dust protection. * **Mounting:** DIN-Rail or Wall Mount hardware. * **Temperature Range:** Designed to operate between **-20°C to +70°C**, unlike commercial routers limited to 40°C. --- ### 4. Code / Configuration Interface The device likely runs an embedded Linux-based OS (like OpenWrt or a proprietary variant). Basic network configuration via CLI often resembles: ```bash # Typical command to check wireless interface status iwconfig wlan0 # Checking Ethernet bridge configuration brctl show ``` ---
    ✨ Follow-up Questions
    • ⤷ Does this model support Power over Ethernet (PoE) as its primary power source?
    • ⤷ What is the maximum wireless throughput (Mbps) for the G25-R2 variant?
    • ⤷ Can this device be configured as a wireless bridge for serial Modbus traffic?