Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CA-1BA-R

  • AI
    The **W2CA-1BA-R** is a specific model of an **Industrial Limit Switch** (or Position Switch) manufactured by Omron. These components are used in automation to detect the physical presence or position of an object through mechanical contact. --- ### 1. Key Technical Specifications The model number defines the electrical and physical characteristics of the unit: | Feature | Specification | | :--- | :--- | | **Actuator Type** | Roller Lever (adjustable) | | **Contact Form** | SPDT (Single Pole Double Throw) | | **Switching Capacity** | 10A at 125/250 VAC | | **Environmental Rating** | IP67 (Waterproof and Dustproof) | | **Terminal Type** | Screw Terminals (Lead-free) | | **Operating Temperature** | -10°C to +80°C | --- ### 2. Electronic/Internal Components The W2CA-1BA-R is comprised of several critical internal parts that manage the electrical signal: #### A. Microswitch Mechanism The heart of the device is a high-precision snap-action switch. When the external lever is pushed, an internal plunger compresses a spring that "snaps" the contacts from a **Normally Closed (NC)** state to a **Normally Open (NO)** state. #### B. Contact Material The contacts are typically made of **Silver (Ag)** or a silver alloy. This ensures: * Low electrical resistance. * Resistance to "arcing" (sparks) when switching inductive loads like motors or solenoids. #### C. Terminal Block Inside the rugged housing, there are three main screw terminals: 1. **COM (Common):** The input line. 2. **NC (Normally Closed):** Connected to COM when the lever is at rest. 3. **NO (Normally Open):** Connected to COM only when the lever is actuated. --- ### 3. Wiring Diagram Concept To use this part in an electronic circuit, the wiring typically follows this logic: ```mermaid graph LR A[Power Source] --> B(Common Terminal) B -- Default Path --C[NC Terminal/Stop Circuit] B -- Actuated Path --D[NO Terminal/Start Circuit] ``` ### 4. Common Applications * **Conveyor Belts:** Detecting when a box has reached a certain point. * **Safety Interlocks:** Ensuring a machine door is closed before power is applied. * **Robotics:** Defining the "Home" position or physical limits of a robotic arm. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a roller lever and a plunger actuator in these switches?
    • ⤷ How do I wire this switch to a PLC?
    • ⤷ What is the mechanical life expectancy of the W2CA-1BA-R?