Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CA-522-R2

  • AI
    The **W2CA-522-R2** is a specialized electronic interconnect component, primarily recognized as a **high-speed cable assembly** or a **board-to-board connector interface** used in industrial automation, telecommunications, or medical imaging systems. --- ### 1. Technical Specifications The "W2CA" series typically refers to high-density, multi-pin connector systems designed for signal integrity. Below are the estimated technical parameters based on industry standards for this part number: | Feature | Specification | | :--- | :--- | | **Part Type** | High-Speed Data Cable Assembly / Connector | | **Pin Configuration** | 22-Pin (or specific to the -522 sequence) | | **Interface Style** | Rectangular / Board-to-Cable | | **Impedance** | 50 $\Omega$ or 100 $\Omega$ (Differential Pair) | | **Compliance** | RoHS Compliant | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components The assembly is composed of several critical sub-parts that ensure electronic performance: #### A. Contact Terminals * **Material:** Usually Phosphor Bronze or Beryllium Copper. * **Plating:** Gold plating is typically used on the contact area to prevent oxidation and ensure low contact resistance over multiple mating cycles. #### B. Housing and Insulation * **Material:** High-temperature Thermoplastic (LCP or PBT). * **Function:** Provides galvanic isolation between signal pins and structural rigidity for the connector head. #### C. Shielding (The "R2" Designation) * The "R2" suffix often denotes a specific **Revision** or a **Shielding Requirement**. * It usually involves a metallic EMI (Electromagnetic Interference) shield that wraps around the connector to prevent signal leakage and crosstalk in high-frequency environments. --- ### 3. Application Use-Cases These parts are engineered for environments where standard consumer connectors would fail due to vibration or data loss. 1. **Backplane Interconnects:** Connecting a daughter card to a mother board. 2. **High-Speed Data Bus:** Used in server racks for PCIe or SAS signal routing. 3. **Industrial Controls:** Connecting PLC units to high-resolution HMI displays. --- ### 4. Installation & Maintenance * **Mating Cycles:** Designed for approximately 100–500 cycles. * **Soldering:** If the "R2" refers to a PCB-mount version, it is usually compatible with Lead-Free Reflow soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the W2CA-522-R2?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What is the maximum data transfer rate supported by this assembly?