Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CA-53A-R2SLASHCE

  • AI
    The **W2CA-53A-R2/CE** is a specific electronic component manufactured by **OMRON**. It is categorized as a **Digital Controller Accessory** or, more specifically, a **Terminal Block Unit** designed for use with high-precision temperature controllers and process systems. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Core Specifications The W2CA-53A series is designed to facilitate the wiring and integration of OMRON’s modular temperature control units (such as the EJ1 series). | Feature | Specification | | :--- | :--- | | **Manufacturer** | OMRON Corporation | | **Component Type** | Terminal Block / Connector Unit | | **Compliance** | CE Marking (European Conformity) | | **Connection Type** | Screw terminals (typically M3) | | **Mounting** | DIN Rail or Panel Mount | | **Application** | EJ1 Modular Temperature Controllers | --- ## 2. Key Electronic Features ### A. Modular Interface This part serves as the physical interface between the internal logic of a controller and the external field wiring (sensors, actuators, and power supplies). It ensures low contact resistance to prevent signal degradation in sensitive PID loops. ### B. Signal Integrity As an "R2" variant, it is optimized for: * **Noise Suppression:** Designed to minimize electromagnetic interference (EMI) which is crucial for thermocouple and RTD signal accuracy. * **Isolation:** Provides a degree of electrical isolation between input/output channels depending on the main unit it is docked to. ### C. The "/CE" Designation The "/CE" suffix indicates that the electronic components and housing meet strict European safety and environmental standards, including: 1. **Low Voltage Directive (LVD):** Ensures the insulation and spacing are safe for industrial voltages. 2. **EMC Directive:** Confirms the part does not emit excessive noise and is resilient to external electronic interference. --- ## 3. Physical Layout and Wiring The unit is structured to simplify high-density wiring in industrial control panels. * **Terminals:** Usually 18 to 20 points depending on the specific sub-configuration. * **Material:** High-grade flame-retardant plastic (UL94V-0) to ensure safety in case of electronic failure or overheating. * **R2 Configuration:** Typically refers to a specific wiring pinout or a revision that supports dual-channel communication or specific power distribution patterns. --- ## 4. Maintenance and Safety When dealing with the electronics of the W2CA-53A-R2/CE: 1. **Torque Settings:** Always follow the manufacturer's torque specs for the M3 screws to prevent "cold flow" or loose connections that cause arcing. 2. **Environment:** Ensure the ambient temperature stays within the -10°C to 55°C range to maintain the integrity of the electronic contacts.
    ✨ Follow-up Questions
    • ⤷ What specific OMRON controller models are compatible with the W2CA-53A-R2?
    • ⤷ Can you provide the terminal pinout diagram for this specific model?
    • ⤷ What is the difference between the R2 and the standard W2CA models?