Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CA-53A-R2SLASHQ

  • AI
    The **W2CA-53A-R2/Q** is a specialized electronic component, typically categorized as a **Digital Temperature Controller** or a high-precision **Temperature Transmitter** within industrial automation systems. It is part of a series often used for converting thermocouple or RTD signals into standard industrial analog outputs. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the electronic characteristics: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Signal Conditioner / Temperature Transmitter | | **Input Signal** | Multi-input (Thermocouples like Type K, J, or RTD PT100) | | **Output Type** | Analog (Standard 4-20mA or 0-10V DC) | | **Power Supply** | Typically 24V DC or 100-240V AC (model dependent) | | **Mounting Style** | DIN Rail or Plug-in Socket (R2 often denotes socket type) | | **Isolation** | Galvanic isolation between input, output, and power | --- ### 2. Electronic Architecture The internal circuitry of the W2CA-53A-R2/Q consists of several critical stages: #### A. Input Conditioning Stage * **A/D Converter:** Converts the micro-voltage from a thermocouple or the resistance change from an RTD into a digital value. * **Cold Junction Compensation (CJC):** An internal thermistor compensates for the temperature at the connection terminals to ensure accuracy. #### B. Processing & Isolation * **Microprocessor:** Linearizes the non-linear curve of the temperature sensor. * **Opto-Isolators:** Provides electrical separation to prevent ground loops and protect the PLC/DCS from high-voltage surges. #### C. Output Stage * **D/A Converter:** Converts the processed digital signal back to an analog current or voltage. * **Zero/Span Adjustment:** Usually features potentiometers or digital buttons for field calibration. --- ### 3. Suffix Meaning ("/Q") In industrial electronics (particularly for brands like M-System or Omron), the **"/Q"** suffix often denotes a **Special Specification** or **Quality Compliance**: 1. **Coating:** It may signify a conformal coating on the PCB for moisture and dust protection. 2. **Calibration:** It can indicate that the unit comes with a factory-certified inspection/test report. 3. **Specific Settings:** It may mean the unit was pre-configured at the factory to a specific temperature range requested by the customer. --- ### 4. Application Example ```c++ // Logic flow for integrating this part into a control system: 1. Sensor (Type K) -> W2CA-53A (Cold Junction Comp + Linearization) 2. W2CA-53A -> 4-20mA Output 3. 4-20mA -> PLC Analog Input Card 4. PLC -> PID Loop -> Heater Control ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the R2 socket base?
    • ⤷ How do I calibrate the Zero and Span for this specific model?
    • ⤷ What is the difference between the R2 and R3 versions of this series?