Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CA-5AC-R

  • AI
    The **W2CA-5AC-R** is a specific industrial control component, typically associated with the **Omron W2CA series** of connection units used in temperature control and automation systems. It serves as a specialized interface for multi-point control systems. --- ### 1. Component Overview The W2CA-5AC-R is a **Connection Unit** (also referred to as a Terminal Unit). Its primary purpose is to simplify the wiring between multiple Temperature Controllers and an external power source or PLC interface. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Omron | | **Series** | W2CA (Connection Units) | | **Number of Points** | 5-point interface | | **Input/Output Type** | AC/Relay control signals | | **Mounting Type** | DIN Rail or Surface Mount | --- ### 2. Key Electronic Parts & Functionality The internal electronic architecture of the unit is designed for signal distribution and isolation. * **Terminal Blocks:** Robust screw terminals designed to handle field wiring for sensors or actuators. * **Signal Distribution Bus:** A copper bus bar or high-trace PCB that splits a single power or signal input into five distinct outputs. * **Protective Circuitry:** Usually includes varistors or RC snubbers to handle electrical noise generated by switching AC loads. * **Indication LEDs:** Often includes status indicators for each of the 5 points to show when a circuit is active. --- ### 3. Connection Schematic Example In a typical setup, the W2CA-5AC-R acts as a bridge. Below is a conceptual representation of the wiring flow: ```markdown [ Power Supply ] ---> [ W2CA-5AC-R Input ] | ----------------------------------------- | | | | | [Output 1] [Output 2] [Output 3] [Output 4] [Output 5] | | | | | [Controller] [Controller] [Controller] [Controller] [Controller] ``` --- ### 4. Application Context These parts are most commonly found in: 1. **Industrial Ovens:** Managing multiple heating zones simultaneously. 2. **HVAC Systems:** Distributing control signals to multiple dampers or fans. 3. **Plastic Injection Molding:** Connecting multiple thermocouple controllers to a centralized power distribution unit.
    ✨ Follow-up Questions
    • ⤷ What are the compatible Omron temperature controller series for this unit?
    • ⤷ What is the maximum current rating per point for the W2CA-5AC-R?
    • ⤷ Is there a DC version of this connection unit available?