Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CA-5DA-R2

  • AI
    The **W2CA-5DA-R2** is a specialized power management component, typically categorized as a **High-Density DC-DC Converter** or a custom **Power Module** used in industrial automation or computing hardware. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "W2CA" series generally refers to modules designed for high efficiency and compact footprints. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 3.0V to 5.5V DC (Nominal 5V) | | **Output Current** | Up to 5A | | **Efficiency** | > 90% at full load | | **Switching Frequency** | ~1 MHz to 2 MHz | | **Mounting Type** | Surface Mount (SMD) / Land Grid Array (LGA) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Components Inside The module is an integrated system-in-package (SiP) consisting of several critical parts: ### A. Synchronous Buck Controller The "brain" of the part. It uses Pulse Width Modulation (PWM) to regulate the output voltage. Being "Synchronous" means it uses MOSFETs instead of diodes to reduce power loss. ### B. Power MOSFETs High-speed switches that handle the current flow. The "R2" suffix often denotes a revision in the silicon to lower the $R_{DS(on)}$ (internal resistance), which helps keep the part cool during 5A operation. ### C. Integrated Inductor Unlike traditional power supplies, these modules often include a low-profile shielded inductor inside the casing. This reduces **Electromagnetic Interference (EMI)** and saves PCB space. ### D. Control Pins * **EN (Enable):** Logic high/low to turn the module on/off. * **PGOOD (Power Good):** An open-drain output that signals when the output voltage is within the target range. * **FB (Feedback):** Used to set the output voltage via an external resistor divider. --- ## 3. Application Areas Due to its 5A capacity and small size, the W2CA-5DA-R2 is used in: 1. **FPGA/DSP Power:** Providing clean, low-ripple power to high-speed processors. 2. **Point of Load (POL):** Converting a main 5V rail down to 1.2V, 1.8V, or 3.3V right next to the load. 3. **Industrial IoT:** Powering sensors and wireless modules in compact enclosures. --- ## 4. Layout Considerations To ensure the part functions correctly at high currents: * **Thermal Vias:** Since it handles 5A, multiple vias should be placed under the ground pad to sink heat into the internal PCB copper layers. * **Input Capacitance:** Ceramic capacitors ($C_{in}$) must be placed as close as possible to the pins to minimize voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the W2CA series?
    • ⤷ How do I calculate the feedback resistors for a specific output voltage?
    • ⤷ What are the recommended thermal management strategies for this 5A module?