Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-134-R

  • AI
    The **W2CE-134-R** is an electronic component primarily classified as a **Slide Switch**. These components are widely used in consumer electronics for power selection or mode switching. ### 1. General Specifications The W2CE-134-R belongs to the category of sub-miniature or standard slide switches. Below is a technical breakdown of its core attributes: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Slide Switch | | **Configuration** | SPDT (Single Pole Double Throw) | | **Circuitry** | 1P2T (1 Pole, 2 Throw) | | **Current Rating** | ~0.3A to 0.5A at 50V DC | | **Mounting Type** | Through-hole (PCB Mount) / Right Angle | | **Actuator Length** | Varies by sub-model (standard is ~2mm to 4mm) | --- ### 2. Functional Description This part functions as a mechanical interface to open or close an electrical circuit. * **Switching Action:** It typically features a "Make-Before-Break" or "Break-Before-Make" contact mechanism depending on the specific internal leaf spring design. * **Terminals:** It usually features three pins. The center pin is the "Common," and the outer pins represent the two positions the slider can toggle between. * **Housing:** Built with a high-temperature thermoplastic base and a metal frame/cover to ensure durability during the soldering process. --- ### 3. Application Use Cases The W2CE-134-R is commonly integrated into devices where space is limited but manual user input is required. * **Consumer Electronics:** Power ON/OFF switches for small toys, LED flashlights, or handheld radios. * **Computing:** Mode selection on computer peripherals (e.g., toggling between Bluetooth and 2.4GHz on a mouse). * **Development Boards:** Used as a reset or configuration switch on micro-controller boards (like Arduino shields or ESP32 modules). --- ### 4. Circuit Diagram Representation In a schematic, the part is represented as a single pole moving between two contacts: ```text (Pos 1) --- [Terminal A] | [Common]--o | (Pos 2) --- [Terminal B] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions or footprint for the W2CE-134-R PCB layout?
    • ⤷ Is this switch rated for AC voltage applications?
    • ⤷ Are there surface-mount (SMD) equivalents for this specific part?