Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-13B-R

  • AI
    Based on the technical specifications for the **W2CE-13B-R**, this model typically refers to a **dual-port RJ45 connector with integrated magnetics** (also known as a MagJack). These components are critical for Ethernet communication interfaces. --- ## 1. Component Overview The W2CE-13B-R is an integrated connector module that combines a standard RJ45 physical port with the necessary internal circuitry to filter signals and provide electrical isolation. | Feature | Specification | | :--- | :--- | | **Component Type** | RJ45 Integrated Magnetics Connector (MagJack) | | **Port Configuration** | 2x1 (Dual Port) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle / Side Entry | | **Mounting Type** | Through-Hole (THT) | --- ## 2. Key Internal Electronic Parts The "Integrated" part of the connector means it contains several passive electronic components inside the plastic housing: ### A. Isolation Transformers * **Purpose:** Provides galvanic isolation (usually up to 1500V AC) between the Ethernet cable and the PHY (Physical Layer) chip. * **Function:** Protects the sensitive circuitry on the PCB from voltage spikes, static electricity, and ground loops. ### B. Common Mode Chokes * **Purpose:** EMI (Electromagnetic Interference) suppression. * **Function:** Blocks common-mode noise while allowing differential signals (the data) to pass through, ensuring compliance with FCC/CE emission standards. ### C. Bob Smith Termination * **Purpose:** Impedance matching. * **Function:** A network of resistors (usually 75Ω) and high-voltage capacitors that terminate unused wire pairs to reduce common-mode emissions and improve signal integrity. ### D. Integrated LEDs * **Colors:** Usually Green/Yellow. * **Circuitry:** Built-in series resistors are sometimes included, though most versions require external current-limiting resistors on the host PCB. --- ## 3. Physical & Electrical Pinout The device typically features two sets of pins: 1. **Input Pins (PCB Side):** Connects to the Ethernet PHY/Controller. 2. **Output Pins (Cable Side):** Standard 8P8C (RJ45) pins that interface with the Cat5e/Cat6 cable. 3. **Shielding:** A metal outer shell (usually tin-plated copper or stainless steel) that is grounded to the chassis to prevent RF leakage. --- ## 4. Typical Applications * Network Switches and Routers. * Industrial PC Motherboards. * Embedded Systems (IoT Gateways). * Set-top Boxes.
    ✨ Follow-up Questions
    • ⤷ What is the standard pinout for the W2CE-13B-R on a PCB layout?
    • ⤷ Does this specific model support Power over Ethernet (PoE)?
    • ⤷ What are the recommended soldering temperature profiles for this component?