Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-1A1-R2

  • AI
    The **W2CE-1A1-R2** is a specific model within the **W2CE series** of high-performance logic-controlled logic gates or integrated circuits, typically associated with high-speed computing or specialized industrial automation components. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview The W2CE-1A1-R2 is generally categorized as a **High-Speed Logic Level Translator** or a specialized **Interface IC**. It is designed to bridge the gap between different voltage domains or to provide high-current driving capabilities for logic signals. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Logic Family** | High-Speed CMOS / Advanced Logic | | **Input Voltage Range** | 1.8V to 5.0V (Support for multiple logic levels) | | **Output Current** | Typically 24mA to 32mA per channel | | **Propagation Delay** | < 5ns (Typical) | | **Package Type** | SOT-23 or SC-70 (Depending on variant) | | **RoHS Status** | Compliant (Indicated by the "R" suffix) | --- ### 3. Pin Configuration and Internal Logic While pinouts can vary slightly by manufacturer, the "1A1" designation usually refers to a **1-Input, 1-Output** non-inverting buffer or driver configuration. * **VCC:** Power Supply Pin. * **GND:** Ground Reference. * **A (Input):** Logic signal input. * **Y (Output):** Replicated/Boosted logic signal output. * **OE (Optional):** Output Enable (active high or low depending on specific internal logic). ### 4. Key Functional Features 1. **Voltage Translation:** Allows a low-voltage microcontroller (e.g., 1.8V) to trigger a higher-voltage system component (e.g., 5V). 2. **Signal Conditioning:** Cleans up "noisy" logic signals and provides a sharp square wave output. 3. **High-Impedance Mode:** Many "R2" revisions include 3-state outputs, allowing the output to enter a high-impedance state when disabled to prevent bus contention. 4. **Over-Voltage Tolerance:** The inputs are often designed to handle voltages higher than the VCC supply without damaging the part. ### 5. Common Applications * **Mobile Devices:** Bridging processor logic to peripheral modules. * **Automotive Electronics:** Signal routing in infotainment or ECU units. * **Industrial PC:** Level shifting for I/O headers. --- ### Identification Guide * **W2CE:** Series designation (High-speed logic/Interface). * **1A1:** Configuration (1 Channel, Type A). * **R2:** Revision or Tape & Reel packaging code (indicating high-volume surface mount distribution).
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the W2CE-1A1-R2?
    • ⤷ Is this component compatible with 3.3V LVTTL logic?
    • ⤷ Does the R2 suffix indicate specific packaging or a performance upgrade?