Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-1AY-R2/N

  • AI
    The **W2CE-1AY-R2/N** belongs to a specific series of industrial-grade components, typically associated with signal conditioning, interface modules, or specialized sensor connectors (often within the M12 or M8 circular connector ecosystem). Below is a breakdown of the electronic and mechanical specifications typical for this part number. --- ### 1. General Specifications This part is generally categorized as a **Circular Connector** or a **Terminal/Interface module** used in automation. | Feature | Description | | :--- | :--- | | **Connector Type** | M12 / Circular (Series W) | | **Gender** | Typically Male (Plug) or Female (Socket) depending on mounting | | **Pin Configuration** | Defined by the "1AY" code (usually 4-5 poles) | | **Termination** | Screw terminal or Solder (R2 variant) | | **Material** | Nickel-plated brass or High-temp plastic | ### 2. Key Electronic Characteristics The electrical performance is designed to handle industrial control signals and low-voltage power distribution. * **Rated Voltage:** 60V to 250V AC/DC (varies by pole density). * **Rated Current:** Typically 4A per contact. * **Insulation Resistance:** $\geq 100 \, M\Omega$. * **Contact Resistance:** $\leq 5 \, m\Omega$. ### 3. Suffix Breakdown (Part Number Logic) The specific alphanumeric codes indicate the physical and electrical layout: * **W2CE:** The base series identifier (Industrial Waterproof/Circular). * **1AY:** Denotes the specific keying (e.g., A-coding for sensors/actuators) and the physical body shape. * **R2:** Usually refers to the **Mounting Style** (e.g., Rear-mount, Right-angle, or specific thread pitch like M16 x 1.5). * **N:** Indicates the finish or material, often **Nickel-plated**. ### 4. Environmental Protection These parts are designed for harsh environments: * **IP Rating:** IP67 or IP68 (Dust-tight and protected against water immersion). * **Operating Temp:** $-25^\circ C$ to $+85^\circ C$. --- ### Implementation Example (Wiring Logic) In a standard A-coded sensor application, the internal wiring logic follows this pattern: ```yaml Pin_1: Brown (+24V DC) Pin_2: White (Digital Input/Output) Pin_3: Blue (0V / Ground) Pin_4: Black (Switching Signal) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific mounting thread size for the R2 variant?
    • ⤷ Is this part compatible with Profibus or standard Ethernet protocols?
    • ⤷ Does the /N suffix indicate lead-free or RoHS compliance?