Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-1CB-R

  • AI
    The **W2CE-1CB-R** is a specific electronic component, typically categorized as an **Optical Transceiver Module**. Below is a detailed technical breakdown of its parts, functionality, and specifications. --- ## 1. Component Overview The W2CE-1CB-R is a high-performance, integrated module designed for fiber-optic communication. It belongs to the **SFP (Small Form-factor Pluggable)** or **SFP+** family, designed to bridge the gap between electrical signals in a switch and optical signals in a fiber network. ### Key Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | SFP / SFP+ | | **Data Rate** | Typically 1.25 Gbps to 10 Gbps (depends on variant) | | **Interface Type** | Optical (usually LC Connector) | | **Distance** | Short Range (SR) or Long Range (LR) support | | **Compliance** | RoHS, IEEE 802.3 standards | --- ## 2. Internal Electronic Sub-systems The module consists of several critical electronic parts working in tandem: ### A. TOSA (Transmitter Optical Sub-Assembly) This is the "Output" section. It contains: * **Laser Diode:** Converts electrical data pulses into light pulses. * **Driver IC:** An integrated circuit that regulates the current flowing to the laser to ensure high-speed switching and signal integrity. ### B. ROSA (Receiver Optical Sub-Assembly) This is the "Input" section. It contains: * **Photodiode:** Detects incoming light pulses and converts them back into electrical current. * **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal. ### C. Processing & Control Unit * **Microcontroller (MCU):** Manages the **DDM (Digital Diagnostic Monitoring)**. This allows the host system to monitor real-time parameters like temperature, laser bias current, and optical power. * **EEPROM:** Stores the module's identification data, serial number, and vendor information (used for "vendor locking" compatibility). --- ## 3. Circuit Board Architecture The internal PCB (Printed Circuit Board) of the W2CE-1CB-R uses high-frequency materials to prevent signal degradation. ```mermaid graph LR Electrical_In[Electrical Interface] --> Driver_IC[Laser Driver] Driver_IC --> TOSA[Laser Diode] TOSA --> Optical_Out((Optical Fiber)) Optical_In((Optical Fiber)) --> ROSA[Photodiode] ROSA --> TIA[Amplifier] TIA --> Electrical_Out[Electrical Interface] ``` --- ## 4. Typical Applications * **Data Centers:** Connecting servers to high-speed switches. * **Telecommunications:** Used in LTE/5G base station backhaul. * **Enterprise Networking:** High-speed uplinks for corporate LANs. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission distance for the W2CE-1CB-R?
    • ⤷ Is the W2CE-1CB-R compatible with Cisco or Juniper hardware?
    • ⤷ How does the Digital Diagnostic Monitoring (DDM) feature work in this module?