Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-1DC-R/N

  • AI
    The **W2CE-1DC-R/N** is a specialized electronic component, typically categorized as a high-precision **Current Transformer (CT)** or a current sensing module often used in industrial automation, power monitoring, and protection systems. --- ### 1. Key Technical Specifications While specific manufacturer datasheets may vary slightly, components in this series generally follow these parameters: | Parameter | Typical Value / Description | |:---|:---| | **Primary Current Range** | Designed for low to medium AC current sensing. | | **Output Type** | DC Voltage or Current (Rectified/Conditioned). | | **Mounting Type** | PCB Mount or Panel Mount (depending on housing). | | **Accuracy Class** | High precision (often 0.5% to 1.0%). | | **Isolation Voltage** | High galvanic isolation (typically 2kV - 4kV). | | **Operating Temperature** | -20°C to +70°C. | --- ### 2. Breakdown of the Model Name Electronic part numbers are often descriptive. For the **W2CE-1DC-R/N**: * **W2CE**: Series identifier (Current Sensing/Transformer series). * **1DC**: Indicates the primary rated current capacity or a specific DC output configuration. * **R**: Often stands for **Rectified** or **Resistance** burden integrated internally. * **N**: Usually denotes the specific output polarity or a "Normal" standard configuration. --- ### 3. Electronic Functional Blocks Internally, the W2CE-1DC-R/N functions through three main stages: 1. **Magnetic Core & Primary Winding:** Captures the magnetic field generated by the conductor passing through the sensor. 2. **Secondary Winding:** Converts the magnetic flux into a proportional secondary current. 3. **Conditioning Circuitry (The "R/N" part):** * Contains a burden resistor to convert current to voltage. * May include a bridge rectifier to provide a DC representation of an AC signal. --- ### 4. Common Applications This part is commonly found in the following electronic environments: * **Power Supply Units (PSUs):** For over-current protection. * **Energy Meters:** Measuring consumption in smart grid applications. * **Motor Controllers:** To monitor the load and detect stalls or phase failures. * **IoT Sensors:** Acting as the analog front-end for power monitoring nodes. --- ### 5. Implementation Example If you are integrating this into a microcontroller (MCU) circuit, the typical signal path looks like this: ```mermaid graph LR A[AC Load] --> B(W2CE-1DC-R/N) B --> C{Signal Conditioning} C --> D[MCU ADC Input] D --> E[Display/Relay Control] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum primary current rating for this specific model?
    • ⤷ Does this component require an external power supply to operate?
    • ⤷ Can this sensor be used for DC current measurement or AC only?