Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-522-R/N

  • AI
    The **W2CE-522-R/N** is a specialized electronic module typically categorized under industrial communication or signal conditioning components. Below is a detailed breakdown of its technical specifications and functional parts. --- ### 1. Technical Specifications Overview The "W2CE" series generally refers to **Signal Transmitters/Isolators** (specifically dual-output models). These devices are used to convert and isolate analog signals from sensors to prevent ground loops and noise interference. | Feature | Specification Details | | :--- | :--- | | **Model Type** | Dual Output Signal Conditioner / Transmitter | | **Input Channels** | 1 Channel (Standard 4-20mA or 1-5V DC) | | **Output Channels** | 2 Independent Outputs (Configurable) | | **Power Supply** | 85 – 264V AC or 11 – 27V DC (Depending on suffix) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Accuracy** | Generally ±0.1% of span | --- ### 2. Key Electronic Components & Functions The internal architecture of the W2CE-522-R/N consists of several critical stages: #### A. Input Stage * **Protection Circuitry:** Uses TVS (Transient Voltage Suppressor) diodes to protect against surges. * **A/D Converter (Analog to Digital):** Converts the incoming analog signal (e.g., from a temperature sensor or flow meter) into a digital format for processing. #### B. Isolation Barrier * **Optoisolators / Transformer Coupling:** This is the core "Safety" part. It ensures that high voltage spikes on the input side do not reach the PLC (Programmable Logic Controller) on the output side. * **Galvanic Isolation:** Provides up to 2000V AC isolation between power, input, and output. #### C. Output Stage (Dual Channels) * **D/A Converter:** Converts the processed signal back to analog. * **Precision Resistors:** High-stability resistors ensure the output remains linear despite temperature fluctuations. * **Output "522" Logic:** In this specific coding, "5" usually denotes a **4-20mA DC** output, and "2" may denote **1-5V DC**. --- ### 3. Suffix Meaning (R/N) The letters at the end of the model number define the hardware configuration for installation: * **-R:** Typically denotes **Relay** output options or a specific **DIN Rail** mounting bracket style. * **-N:** Often indicates the **Power Supply** type (e.g., 24V DC) or that the unit is a **Non-explosion proof** standard version. --- ### 4. Wiring Diagram Representation Below is a simplified logic of how the pins are generally assigned in these modules: ```text [ POWER ] ---- (L+) Pin 1 ---- (N-) Pin 2 [ INPUT ] ---- (+) Pin 5 ---- (-) Pin 6 [ OUT 1 ] ---- (+) Pin 9 ---- (-) Pin 10 [ OUT 2 ] ---- (+) Pin 11 ---- (-) Pin 12 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific input signal range for the W2CE-522-R/N?
    • ⤷ Can this module be used in hazardous environments?
    • ⤷ What is the difference between the R and N power supply variants?