Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-522-R2

  • AI
    Based on technical specifications for industrial computing and networking components, the **W2CE-522-R2** typically refers to a high-performance **Mini-ITX Motherboard** or **Single Board Computer (SBC)** designed for industrial automation and embedded systems. Below is an overview of its core electronic components and technical architecture. --- ### 1. Core Processor & Chipset The "R2" designation often implies a revision update to support newer generation processors while maintaining the same physical footprint. | Component | Specification (Typical) | | :--- | :--- | | **CPU Support** | Intel® Core™ i7/i5/i3 (LGA1151 or similar) | | **Chipset** | Intel® Q370 / C246 / H310 | | **Memory** | 2x DDR4 SO-DIMM Slots (Up to 64GB) | --- ### 2. Connectivity & Interface Ports The electronic layout is optimized for high-speed data transfer and peripheral integration. * **Network (LAN):** Dual or Quad Gigabit Ethernet ports (Intel i210/i219 series) for redundant networking. * **Video Output:** Triple display support via HDMI, DisplayPort (DP++), and LVDS/eDP for internal panels. * **Storage:** * SATA III (6Gb/s) connectors. * M.2 Key M (2242/2280) for NVMe SSDs. * **Expansion:** 1x PCIe x16 slot for discrete GPUs or FPGA cards. --- ### 3. Industrial Features (Electronic Hardening) Unlike consumer boards, the W2CE-522-R2 includes specific circuits for harsh environments: 1. **Wide Power Input:** Usually supports a 12V DC to 24V DC input range with over-voltage protection. 2. **Watchdog Timer:** An integrated circuit that resets the system automatically if a software hang occurs. 3. **Serial Communication:** Multiple COM ports (RS-232/422/485) with isolation to prevent electrical interference. 4. **TPM 2.0:** Onboard Trusted Platform Module for hardware-based encryption and security. --- ### 4. Technical Summary Table | Feature | Details | | :--- | :--- | | **Form Factor** | Mini-ITX (170mm x 170mm) | | **USB Support** | 4x USB 3.1 Gen 2, 2x USB 2.0 | | **Audio** | High Definition Audio (Realtek ALC series) | | **Operating Temp** | 0°C to 60°C (Standard) / -20°C to 70°C (Extended) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the W2CE-522-R2 board?
    • ⤷ Does this model support ECC (Error Correction Code) memory?
    • ⤷ What is the maximum resolution supported by the DisplayPort on this revision?