Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-523-R2/N

  • AI
    The **W2CE-523-R2/N** is a specific model of an **Industrial Ethernet Switch**, typically belonging to the **Westermo** series (specifically the Lynx or similar managed switch families). These devices are engineered for high reliability in harsh environments, such as substations, railways, and industrial automation. --- ### 1. Key Technical Specifications The "W2CE" nomenclature often refers to the port configuration and the type of internal electronic switching fabric used. | Feature | Specification Details | | :--- | :--- | | **Port Configuration** | Typically features 10 ports: 8 x 10/100Base-TX and 2 x SFP Fiber slots. | | **Management** | Fully Managed (Layer 2 functionality). | | **Operating Voltage** | Dual power inputs (Redundancy), usually 19–60 VDC. | | **Operating Temp** | -40°C to +70°C (Industrial Grade). | | **Enclosure** | IP40 rated metal housing for heat dissipation and EMI shielding. | --- ### 2. Core Electronic Components The internal PCB of this unit is composed of high-grade industrial components designed to withstand electrical noise and extreme thermal cycling. #### A. The Switching Engine (ASIC) At the heart of the device is a **Layer 2 Managed Switch Controller**. This chip handles: * **VLAN Tagging:** Logic for segregating traffic. * **Packet Buffering:** High-speed RAM integrated into the chip to prevent data loss during traffic spikes. * **MAC Address Table:** Hardware-based lookup table for fast frame forwarding. #### B. SFP (Small Form-factor Pluggable) Interface The "2CE" in the model name usually denotes the two Combo/SFP ports. * **Electronic Function:** These use SERDES (Serializer/Deserializer) technology to convert parallel data from the ASIC into high-speed serial data for optical transceivers. #### C. Power Circuitry (The "R2" Aspect) The "R2" often signifies a hardware revision or specific redundancy features: * **Isolation Transformers:** Protects the internal logic from surges on the Ethernet lines. * **DC-DC Converters:** High-efficiency buck-boost converters that stabilize fluctuating industrial power supplies. --- ### 3. Connectivity Layout ```mermaid graph LR A[Power Input 1 & 2] --> B[Internal Power Regulator] C[RJ45 Copper Ports] --> D[Ethernet PHY / Transformers] D --> E[Switching ASIC] F[SFP Fiber Slots] --> E E --> G[Microprocessor for Management/UI] ``` --- ### 4. Distinctive Features of the /N Variant The **/N** suffix usually indicates a specific software or environmental certification: 1. **Network Security:** Enhanced firmware for SNMPv3, HTTPS, and SSH. 2. **Redundancy Protocols:** Support for **FRNT** (Fast Recovery Network Topology) and RSTP. 3. **Industrial Certifications:** Electronic shielding to meet EN 50121-4 (Railway trackside) or IEC 61850-3 (Substations). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the W2CE-523-R2/N?
    • ⤷ Does this model support Power over Ethernet (PoE) on the copper ports?
    • ⤷ What is the difference between the R2 and R1 hardware revisions?