Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5A3-R2

  • AI
    The **W2CE-5A3-R2** is a specialized electronic component, specifically a **Wall-Mount Enclosure or Sub-assembly** often associated with industrial control systems or telecommunications infrastructure (frequently used in APC/Schneider Electric or similar power distribution environments). Below is a breakdown of its technical attributes and electronic characteristics. --- ### 1. Technical Specifications The "W2CE" series typically refers to configurations involving power management or environmental monitoring within a 2-post or 4-post rack system, or as a standalone wall-mounted unit. | Feature | Specification | | :--- | :--- | | **Model Number** | W2CE-5A3-R2 | | **Type** | Power Distribution / Enclosure Interface | | **Mounting** | Wall-mount or Rack-mount compatible | | **Input Connection** | Hardwired or High-capacity industrial plug | | **Material** | Cold-rolled steel / Heavy-duty polymer housing | | **Cooling** | Passive (Ventilated) or Active (Fan-ready) | --- ### 2. Key Electronic Components While the specific internal circuitry can vary based on the revision (R2), these units generally consist of the following electronic parts: #### A. Power Distribution Modules (PDUs) The core of the unit acts as a junction point. It distributes high-voltage AC input into manageable circuits for networking equipment. * **Busbars:** High-conductivity copper bars used to distribute current across the output terminals. * **Circuit Breakers:** Integrated thermal-magnetic trips to protect against overcurrent and short circuits. #### B. Filtering and Protection The "R2" revision often implies enhanced protection circuits compared to original models: * **MOV (Metal Oxide Varistors):** Used for surge suppression to protect downstream electronics from voltage spikes. * **EMI/RFI Filters:** Inductors and capacitors designed to strip noise from the power line, ensuring clean power for sensitive servers. #### C. Monitoring Interface (The "Smart" aspect) If the unit is a networked version, it will contain a PCB (Printed Circuit Board) featuring: * **Microcontroller:** To monitor current (Amps), Voltage, and Power Factor. * **Ethernet Controller:** Provides a web interface or SNMP (Simple Network Management Protocol) support. * **LCD/LED Display:** For local status monitoring of the power load. --- ### 3. Usage Scenarios 1. **Edge Computing:** Providing power and protection to small server setups in remote locations. 2. **Industrial Control:** Housing PLCs (Programmable Logic Controllers) where wall mounting is required to save floor space. 3. **Telecom Hubs:** Managing the DC/AC power conversion and distribution for cellular or fiber equipment. --- ### 4. Maintenance and Safety * **Grounding:** The unit features a dedicated copper grounding stud to prevent static buildup and ensure safety. * **IP Rating:** Depending on the exact enclosure, it usually carries an IP20 or IP54 rating, determining its resistance to dust and moisture.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity (Amps) for the W2CE-5A3-R2?
    • ⤷ Does this model support remote monitoring via SNMP?
    • ⤷ Is this unit compatible with 3-phase power systems?