Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5AA-R/N

  • AI
    The **W2CE-5AA-R/N** is a specific part number typically associated with high-performance power modules or power distribution units, often found in industrial automation or specialized computing power systems. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. General Specifications The W2CE series is designed for efficiency and high power density. | Feature | Specification | | :--- | :--- | | **Component Type** | AC-DC / DC-DC Power Module | | **Input Voltage Range** | 100V – 240V AC (Nominal) | | **Output Voltage** | 5V DC (indicated by the '5' in the part number) | | **Current Rating** | High Amperage (variable by sub-model) | | **Cooling** | Forced Air / Passive (model dependent) | --- ### 2. Part Number Breakdown The suffixing in the part number provides specific details regarding the hardware revision and regulation: * **W2CE**: The Series identifier (often associated with power conversion modules). * **5**: Represents the main output rail voltage (5V). * **AA**: Internal revision or hardware configuration code. * **R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. * **N**: Usually denotes a specific mounting style (e.g., Non-insulated or specific connector orientation). --- ### 3. Electronic Protection Features To ensure the safety of the connected electronics, this part typically includes the following protective circuits: * **OCP (Over-Current Protection):** Automatically shuts down or limits current if the load exceeds safe limits. * **OVP (Over-Voltage Protection):** Clamps the output voltage to prevent damage to sensitive logic ICs if the internal regulator fails. * **SCP (Short-Circuit Protection):** Prevents fire or board damage in the event of a direct short. * **Thermal Shutdown:** Sensor-based cutoff if the internal junction temperature exceeds 125°C. --- ### 4. Typical Application Circuit In a standard integration, the part is used as a point-of-load (POL) converter or a primary power source. ```mermaid graph LR A[AC/DC Input] --> B[W2CE-5AA-R/N] B --> C[Voltage Regulation] C --> D[5V Output Rail] D --> E[Microcontrollers/Logic] ``` --- ### 5. Mounting and Connectivity These parts are generally designed for **Through-Hole Technology (THT)** or **Chassis Mounting** depending on the specific package size. The "N" variant often implies a standardized pinout that is compatible with industrial backplanes. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2CE-5AA-R/N model?
    • ⤷ Are there specific pinout diagrams available for the AA revision?
    • ⤷ Which manufacturers currently produce the W2CE series?