Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5AB-R2/UL

  • AI
    The **W2CE-5AB-R2/UL** is a specialized electronic component, specifically a **high-density, multi-pin electrical connector** typically used in industrial, military, or aerospace applications. It belongs to a series often associated with modular circular or rectangular interconnect systems. --- ### Technical Specifications & Breakdown | Feature | Description | | :--- | :--- | | **Component Type** | Electrical Connector (Receptacle/Plug Assembly) | | **Series** | W2 Series (High-density modular) | | **Configuration** | 5-Position / 5-Pin (indicated by "5A") | | **Termination Style** | Likely Crimp or Solder (depending on specific insert) | | **Certification** | UL Recognized (Underwriters Laboratories) | | **RoHS Status** | R2 (Indicates RoHS compliance/revision level) | --- ### Key Component Parts 1. **The Shell (Body):** The outer housing is usually made of aluminum alloy or high-grade stainless steel with a protective plating (like Nickel or Cadmium). It provides the structural integrity and shielding for the internal pins. 2. **The Insert (Insulator):** The "5AB" portion refers to the internal dielectric material that holds the pins in place. This is typically made of a high-performance polymer (like Valox or Neoprene) designed to prevent electrical arcing between contacts. 3. **Contacts (Pins/Sockets):** These are the conductive elements. In the "5AB" configuration, there are 5 active electrical paths. These are usually gold-plated copper alloy to ensure low contact resistance and prevent corrosion. 4. **Sealing Components:** The "R2" designation often implies a specific environmental sealing rating. These parts include O-rings and grommets made of silicone or fluorosilicone to prevent moisture and dust ingress (IP-rated). --- ### Applications Because of the **UL certification**, this part is standard in environments where safety and fire resistance are strictly regulated: * **Industrial Automation:** Control signals for robotic arms. * **Power Distribution:** Low-voltage power links in modular machinery. * **Medical Equipment:** Reliable interconnects for diagnostic imaging devices. --- ### Comparison with Standard Connectors | Feature | W2CE-5AB-R2/UL | Standard Consumer Connector | | :--- | :--- | :--- | | **Durability** | High (Heavy Duty) | Low | | **Vibration Resistance** | Excellent (Locking mechanism) | Poor (Friction fit) | | **Environmental Protection** | Water/Oil Proof | None | | **Safety Standards** | UL/Military Grade | Consumer Grade |
    ✨ Follow-up Questions
    • ⤷What is the exact pin current rating for the W2CE-5AB-R2/UL?
    • ⤷ Is this connector compatible with standard M-series industrial cables?
    • ⤷ What is the recommended mounting torque for the R2 housing?