Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5CD-R2

  • AI
    The **W2CE-5CD-R2** is a specialized electronic component primarily used in industrial automation, specifically within the realm of logic control and interface modules. It is most commonly associated with **IDEC** or similar industrial control manufacturers as part of their relay or terminal block interface series. --- ### 1. General Specifications This part functions as a **connector-to-terminal conversion module**, often used to bridge high-density PLC (Programmable Logic Controller) outputs to field wiring. | Feature | Description | | :--- | :--- | | **Component Type** | Terminal Block Interface / Relay Board | | **Connection Type** | MIL Connector (Ribbon Cable) to Screw Terminals | | **Channel Count** | Typically 16 to 32 channels (depending on configuration) | | **Mounting Style** | DIN Rail Mount | | **Voltage Rating** | Generally 24V DC (Standard for industrial logic) | --- ### 2. Key Electronic Features #### A. Signal Routing The primary purpose of the W2CE series is to take a high-density connector (like a 40-pin MIL connector) and break it out into individual, labeled screw terminals. This allows technicians to wire sensors, actuators, or switches without custom soldering. #### B. Component Layout * **Input Side:** A male header designed for a ribbon cable coming from a PLC or motion controller. * **Output Side:** Rising cage or screw terminals for field-side wiring (usually 14-22 AWG). * **LED Indicators:** The "5CD" variant often includes status LEDs for each channel, allowing for immediate visual troubleshooting of logic signals. #### C. Protection & Isolation * **Zener Diodes/Varistors:** Many "R2" revisions include flyback protection or surge suppression to protect the connected PLC from inductive kicks generated by external solenoids or relays. * **Grounding:** Includes a dedicated common (COM) rail or grounding terminal to simplify complex wiring loops. --- ### 3. Application Use Cases 1. **PLC Interfacing:** Connecting a Mitsubishi, Omron, or IDEC PLC output card to a bank of external valves. 2. **Cable Management:** Reducing the "rat's nest" of wires in a control cabinet by using pre-made ribbon cables. 3. **Maintenance:** Providing easy-to-access test points for multimeters during system diagnostics. --- ### 4. Technical Diagram Overview (Simplified) ```text [ PLC Output Card ] | [ Ribbon Cable (MIL) ] | [ W2CE-5CD-R2 Module ] <--- (Signal conditioning & LED indication) | [ Individual Screw Terminals ] | [ Field Devices (Motors, Lights, Valves) ] ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MIL connector on this module?
    • ⤷ Can the W2CE-5CD-R2 handle AC voltages or is it DC only?
    • ⤷ Is this module compatible with standard 35mm DIN rails?