Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5D2-R2/CE

  • AI
    The **W2CE-5D2-R2/CE** is a high-performance **Step-Servo (Closed-Loop Stepper) Motor** manufactured by **MOONS' Industries**. It belongs to the W-Series, which integrates a high-resolution encoder with a stepper motor to provide the precision of a servo system with the high torque of a stepper. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Motor Type** | 2-Phase Closed-Loop Stepper (Step-Servo) | | **Frame Size** | NEMA 11 (28 mm) | | **Encoder Resolution** | 20000 counts/revolution (High Resolution) | | **Current Type** | DC (Direct Current) | | **Holding Torque** | Approx. 0.12 Nm (17 oz-in) - *varies by stack length* | | **Connector Type** | R2 (Right-angle specialized connector) | | **Certification** | CE (European Conformity) | --- ### 2. Electronic Component Breakdown #### A. Integrated Encoder (The "Closed-Loop" Part) Unlike standard steppers that run "open-loop" (where the controller doesn't know if the motor actually moved), this motor features an internal magnetic or optical encoder. * **Feedback Loop:** Constantly monitors the shaft position. * **Stall Elimination:** If the motor meets resistance, the electronics compensate to prevent "lost steps." * **Efficiency:** The current is adjusted based on the load, meaning the motor runs cooler and quieter than traditional steppers. #### B. Winding and Phase Configuration * **2-Phase Bi-polar:** Designed to be driven by a specialized Step-Servo driver (such as the MOONS' SS series). * **Low Inductance:** Optimized for high-speed performance and rapid acceleration. #### C. Connectivity (R2 Designation) * **Electronic Interface:** The "R2" suffix typically denotes a specific wiring exit and connector style. This ensures a secure, noise-resistant connection for both the power leads and the sensitive encoder feedback signals. --- ### 3. Functional Advantages * **No Tuning Required:** Unlike traditional AC Servos, the W2CE series is generally "ready to go" with minimal PID tuning. * **High Torque at Low Speed:** Maintains the inherent strength of a stepper motor while gaining the reliability of a servo. * **Compact Footprint:** The NEMA 11 size makes it ideal for medical devices, lab automation, and small-scale robotics. --- ### 4. Wiring Diagram Concept (Generic) ```markdown [ Driver ] <------ Shielded Cable ------> [ W2CE Motor ] | | |-- (A+/A-) Phase Power ------------------| |-- (B+/B-) Phase Power ------------------| |-- (Vcc/GND) Encoder Power --------------| |-- (A/B/Z) Encoder Signals --------------| ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible MOONS' drivers for the W2CE series?
    • ⤷ How does the 'Closed-Loop' system prevent motor stalling?
    • ⤷ What is the difference between the R2 and standard R1 connector types?