Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5D2-R2/N

  • AI
    The **W2CE-5D2-R2/N** is a specific part number typically associated with high-precision industrial components, specifically **DC Brushless Motors** or **Cooling Fans** manufactured by companies like **Nidec (Servo)**. Below is a technical breakdown of its electronic and mechanical specifications based on standard nomenclature for this series. --- ### ## Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | DC Brushless Fan / Motor | | **Operating Voltage** | 24V DC (Standard for the 5D series) | | **Current Rating** | ~0.10A to 0.25A (Model dependent) | | **Bearing Type** | Dual Precision Ball Bearings | | **Housing Material** | Aluminum Die-cast / Thermoplastic PBT | | **Termination** | Lead Wires (R2/N designation) | | **Protection** | Polarity Protection & Impedance Protected | --- ### ## Key Electronic Components & Features The "W2CE" series integrates several internal electronic modules to ensure efficient operation and longevity: #### 1. Integrated Drive Circuitry Unlike AC fans, this DC unit contains a built-in **Commutation Board**. This PCB uses Hall-effect sensors to detect the rotor's position and switch the electromagnetic coils in the correct sequence, eliminating the need for carbon brushes. #### 2. R2/N Designation Meaning * **R2**: This usually indicates the **Sensor Output**. In many industrial fans, R2 refers to a "Locked Rotor Alarm" or a "Tacho Signal" (Frequency Generator) that alerts the system if the fan drops below a certain RPM. * **N**: Typically signifies a specific revision or environmental rating, such as a "Noise-Reduced" blade design or a specific RoHS compliance standard. #### 3. Safety Features * **Reverse Polarity Protection**: Prevents damage to the internal PCB if the positive and negative wires are accidentally swapped during installation. * **Auto-Restart**: If the fan blade is physically obstructed, the electronics will cut power to the coils to prevent overheating and attempt to restart once the obstruction is removed. --- ### ## Wiring Configuration Usually, these parts come with 2 or 3 wires: 1. **Red (+)**: DC Positive Supply (24V). 2. **Black (-)**: Ground/Neutral. 3. **Yellow/White (Signal)**: The R2 alarm signal or speed sensor (if applicable). ---
    ✨ Follow-up Questions
    • ⤷ Does this model support PWM speed control or is it fixed speed?
    • ⤷ What is the specific airflow (CFM) rating for the W2CE-5D2 series?
    • ⤷ Can you provide a wiring diagram for the R2 alarm signal?