Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5DA-R/Q

  • AI
    The **W2CE-5DA-R/Q** is a high-performance, compact **Photoelectric Sensor** (specifically a Laser Displacement Sensor) developed by **Wenglor**. These sensors are engineered for high-precision distance measurement and object detection using laser technology. --- ### 1. Key Technical Specifications The part number indicates specific features regarding the sensing range, output type, and connectivity. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Laser Triangulation (CMOS Technology) | | **Measuring Range** | 50 mm to 200 mm | | **Resolution** | Approx. 20 µm (Micrometers) | | **Light Source** | Red Laser (Class 1) | | **Output Type** | Push-Pull / PNP / NPN (Switching) | | **Interface** | IO-Link 1.1 | | **Connection** | M12 × 1 connector, 4-pin | | **Housing Material** | Plastic (PBT/PC) | --- ### 2. Functional Components To understand the "electronic parts" of this device, we look at the internal architecture: #### A. Laser Diode (Class 1) The emitter sends out a concentrated red laser beam. Being **Class 1**, it is eye-safe under all conditions of normal use, which simplifies safety requirements in the factory. #### B. CMOS Receiver Line Unlike standard sensors that just detect light intensity, the W2CE uses a **CMOS array**. It calculates distance based on the *angle* at which the reflected light hits the array (Triangulation). This allows it to detect objects regardless of their color or surface texture. #### C. Integrated Microcontroller The internal circuitry processes the raw CMOS data to: * Filter out ambient light interference. * Linearize the measurement. * Manage communication via **IO-Link**. #### D. Push-Pull Output Stage The electronic output is versatile. It can drive loads as either PNP or NPN, reducing the number of spare parts needed in inventory. --- ### 3. Core Advantages 1. **High Linearity:** The electronic processing ensures that the measurement remains accurate across the entire 150mm window. 2. **IO-Link Integration:** This allows for "Industry 4.0" features, such as remote configuration, diagnostic data (e.g., sensor temperature, operating hours), and easy sensor replacement without manual recalibration. 3. **Insensitivity to Color:** Because it uses triangulation rather than simple intensity, it can detect black objects on a black background or shiny metallic parts with high reliability. --- ### 4. Common Applications * **Checking Component Presence:** Verifying if a small electronic part is mounted on a PCB. * **Stack Height Control:** Measuring the height of wafers or paper sheets. * **Loop Control:** Monitoring the tension or slack of materials in a production line. * **Positioning:** Ensuring robotic arms are at the correct distance from a target.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes in Wenglor part numbers?
    • ⤷ How do I configure the IO-Link parameters for this sensor?
    • ⤷ Can this sensor detect transparent or highly reflective glass surfaces?