Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5DB-R/N

  • AI
    The **W2CE-5DB-R/N** is a specialized electronic component primarily used in industrial automation and power management systems. It is an **active electronic module** designed for signal isolation and power conversion. ### 1. General Overview | Attribute | Specification | | :--- | :--- | | **Product Category** | Signal Conditioner / Isolator | | **Series** | W2 Series | | **Function** | 2-Wire Transmitter / Loop Powered Isolator | | **Input Type** | DC Current (Typically 4-20mA) | | **Output Type** | Isolated DC Current | --- ### 2. Detailed Technical Features The part number breaks down into specific technical parameters that define its electrical behavior: * **Isolation Method:** It provides galvanic isolation between the input and output circuits. This prevents ground loops and protects sensitive control equipment (like PLCs) from high-voltage surges. * **Loop-Powered Design:** The "2-wire" designation usually implies that the device draws its operating power directly from the output loop current, eliminating the need for an external power supply. * **Accuracy:** These modules are known for high linearity and low temperature drift, ensuring that the signal transmitted remains consistent regardless of environmental fluctuations. ### 3. Pinout and Connection Logic The wiring for the W2CE-5DB-R/N generally follows this logic: | Terminal | Description | Function | | :--- | :--- | :--- | | **Input +** | Current Input | Receives signal from the sensor/field device. | | **Input -** | Return | Common return for the input signal. | | **Output +** | Isolated Signal Out | Sends the 4-20mA signal to the PLC/DCS. | | **Output -** | Power/Return | Completes the loop and provides power to the module. | --- ### 4. Common Applications 1. **Industrial Process Control:** Transferring sensor data (pressure, temperature) from the field to a control room over long distances. 2. **Noise Reduction:** Eliminating electromagnetic interference (EMI) in harsh factory environments. 3. **Equipment Protection:** Acts as a buffer to ensure that a failure in a field sensor does not damage the main control computer. --- ### 5. Implementation Example Below is a conceptual representation of how this module is integrated into a system: ```mermaid graph LR A[Sensor 4-20mA] --> B[W2CE-5DB-R/N Input] B --> C[Internal Isolation Barrier] C --> D[Isolated 4-20mA Output] D --> E[PLC / Controller] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the W2CE-5DB-R/N?
    • ⤷ Can this module be used with 0-10V signals instead of current?
    • ⤷ Does this device require a DIN rail for mounting?