Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2CE-5DC-R/Q

  • AI
    ### Overview of the W2CE-5DC-R/Q The **W2CE-5DC-R/Q** is a high-precision, industrial-grade **Solid State Relay (SSR)** or **Control Module** typically used in automated systems for high-speed switching and isolation. This specific part number follows the nomenclature for specialized interface modules often found in PLC (Programmable Logic Controller) environments. --- ### Technical Specifications The following table outlines the primary electronic characteristics of the module: | Parameter | Specification Details | | :--- | :--- | | **Control Voltage (Input)** | 5V DC (Nominal) | | **Circuit Type** | Double Pole / Multi-channel (2-Channel) | | **Switching Type** | Photo-MOS / Solid State | | **Mounting Type** | DIN Rail / Connector Plug-in | | **Response Time** | High-speed (< 1ms) | | **Termination** | Screw terminals or Ribbon cable (Q-variant) | --- ### Key Electronic Components & Subsystems 1. **Optoisolator (Optical Coupling):** * The core of the unit uses an LED and a photosensitive transistor. This provides galvanical isolation between the 5V logic circuit and the output load, protecting sensitive controllers from voltage spikes. 2. **Flyback Diodes / Surge Protection:** * Included internally to dissipate Back-EMF when switching inductive loads (like small motors or solenoids), preventing damage to the internal transistors. 3. **Status Indicators (LEDs):** * Typically features onboard SMD LEDs to provide visual confirmation of the input signal status (Logic High/Low). 4. **Output Stage (MOSFET/Triac):** * Depending on the specific load type (AC or DC), it utilizes high-efficiency power MOSFETs to ensure low "On-Resistance" ($R_{DS(on)}$), minimizing heat generation. --- ### Part Number Breakdown Understanding the suffix helps in identifying the physical and electrical interface: * **W2CE**: Series designation (likely a slim-type relay interface). * **5DC**: Indicates the input requirement is **5 Volts Direct Current**. * **R**: Often denotes **Relay** output or specific **Resistance** protection. * **Q**: Typically signifies a **Quick-connect** or specialized connector header (like a MIL-connector) instead of standard screw terminals. --- ### Typical Applications * **PLC Interfacing:** Converting low-power CPU signals to drive field devices. * **Signal Conditioning:** Cleaning up noisy digital signals before they reach a processor. * **Laboratory Automation:** High-speed switching for testing equipment where mechanical relays would wear out too quickly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the output channels on this specific model?
    • ⤷ Does the W2CE-5DC-R/Q support AC loads
    • ⤷ or is it strictly for DC switching?
    • ⤷ What are the primary differences between the 'R' and 'Q' versions regarding wiring?