Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2DY-24BB-R

  • AI
    The **W2DY-24BB-R** is a specific model within the **W2D Series** of crossflow fans (also known as tangential fans) manufactured by companies like **Nidec (formerly Copal Electronics)**. These fans are designed for applications requiring uniform, wide airflow in space-constrained environments. --- ## 1. Technical Specifications The part number breakdown reveals the electrical and mechanical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC | | **Current Consumption** | Approx. 0.40A - 0.60A (varies by load) | | **Speed Control** | Typically supports PWM or Voltage control | | **Bearing Type** | Dual Ball Bearing (indicated by "BB") | | **RoHS Compliant** | Yes (indicated by "R") | | **Airflow Pattern** | Wide, laminar flow (Crossflow) | --- ## 2. Key Electronic Components & Design The internal circuitry of the W2DY-24BB-R consists of several critical electronic stages: ### A. Brushless DC (BLDC) Motor Unlike traditional brushed motors, this part uses a **3-phase or single-phase BLDC motor**. * **Electronic Commutation:** It uses internal Hall Effect sensors to detect the rotor position, which then triggers the power transistors to switch the current to the stator coils. * **Benefits:** This eliminates mechanical friction from brushes, leading to a longer lifespan and lower EMI (Electromagnetic Interference). ### B. Integrated Driver IC The "brains" of the fan is a small PCB located at the end of the motor housing. It includes: * **Reverse Polarity Protection:** A diode prevents damage if the +/- wires are connected incorrectly. * **Locked Rotor Protection:** If the fan blade is obstructed, the IC detects the lack of movement and cuts power to prevent the coils from burning out, attempting restarts periodically. ### C. Speed Monitoring (Tachometer/FG) Most units in this series include a third wire (typically yellow or white) for a **Frequency Generator (FG)** signal. This provides an open-collector output that pulses as the fan spins, allowing a microcontroller to monitor the RPM. --- ## 3. Physical Application & Airflow The "Y" in the model name often refers to the specific housing geometry or mounting style. * **Crossflow Mechanics:** Air is drawn in along the length of the cylindrical impeller and expelled at a 90-degree angle. * **Applications:** * Server rack cooling. * Air curtains. * Laboratory equipment. * High-density electronic cabinets where standard axial fans would create "hot spots." --- ## 4. Maintenance and Reliability The **"BB" (Ball Bearing)** designation is the most important part of the model number regarding longevity. Ball bearings are superior to sleeve bearings in high-temperature environments and allow the fan to be mounted in any orientation (horizontal or vertical) without premature failure.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the W2DY-24BB-R wiring?
    • ⤷ How does a crossflow fan compare to an axial fan in terms of static pressure?
    • ⤷ What are the specific dimensions (length/diameter) for this model?