Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2DY-24DA-R2

  • AI
    The **W2DY-24DA-R2** is a specific model of an I/O relay terminal unit, typically manufactured by **Panasonic** (formerly Sunx). These devices are used in industrial automation to interface between a controller (like a PLC) and high-power field devices. --- ## 1. Technical Specifications The model name provides a breakdown of its primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Relay Type** | DY Relay (Small-sized, high capacity) | | **Coil Voltage** | 24V DC | | **Contact Arrangement** | 1 Form A (SPST-NO) per channel | | **Number of Points** | 2-point (Double unit) | | **Output Type** | Relay Contact | | **Mounting** | DIN Rail or Screw Mount | --- ## 2. Key Electronic Components ### A. The Relay (Mechanical Heart) The unit houses internal mechanical relays. These provide **galvanic isolation**, meaning there is no electrical connection between the low-voltage control signal (from the PLC) and the high-voltage load. * **Switching Capacity:** Usually rated for up to 5A at 250V AC or 30V DC. * **Contact Material:** Silver alloy (designed for low resistance and durability). ### B. Input Protection Circuitry To protect the internal coils and the driving controller, the board includes: 1. **Flyback Diode:** Placed across the relay coil to suppress voltage spikes (back-EMF) when the coil is de-energized. 2. **LED Indicator:** A visual status indicator (usually green or red) that lights up when the input signal is active. ### C. Connection Interface * **Terminal Blocks:** Screw-type terminals for secure wiring. * **Internal Bus:** A PCB that distributes the 24V DC common line to the coils to reduce external wiring. --- ## 3. Wiring Configuration The "R2" suffix typically denotes the terminal layout or the specific revision of the 2-point module. | Connection Side | Function | Typical Voltage | | :--- | :--- | :--- | | **Input (Coil)** | Receives signal from PLC/Sensor | 24V DC | | **Output (Contact)** | Switches the Load (Motor, Solenoid, Light) | Up to 250V AC / 30V DC | --- ## 4. Why use the W2DY-24DA-R2? 1. **Space Saving:** It is much narrower than using individual socketed relays. 2. **Maintenance:** It allows for quick replacement of the entire block or individual wiring points. 3. **High Inrush Handling:** Unlike Solid State Relays (SSRs), these mechanical relays can handle temporary current surges from inductive loads without overheating. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2DY-24DA-R2?
    • ⤷ Can I replace the individual relays on this board if one fails?
    • ⤷ What is the difference between the R2 and the standard W2DY-24DA model?