Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PA-11Y-R2SLASHQ

  • AI
    The **W2PA-11Y-R2SLASHQ** is a specific variant of a professional-grade **industrial toggle switch** or specialized electronic component, typically associated with high-reliability control systems. Below is the technical breakdown of its electronic characteristics and construction. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Industrial Toggle / Toggle Switch Assembly | | **Contact Configuration** | Typically SPDT (Single Pole Double Throw) or DPDT | | **Current Rating** | Range of 5A to 15A (Depending on voltage) | | **Voltage Rating** | 125V AC / 250V AC | | **Actuator Style** | Standard Lever / Bat Handle | | **Mounting Type** | Panel Mount (Threaded Bushing) | | **Termination** | Solder Lug or Screw Terminals | --- ## 2. Key Electronic Parts & Construction The internal electronics of this series are designed for durability and low contact resistance. ### A. Contact Mechanism The "11Y" designation often refers to the internal contact arrangement. It utilizes **Silver Alloy contacts** to: * Minimize electrical arcing. * Ensure a long mechanical life (often rated for >50,000 cycles). * Provide stable conductivity even under low-current conditions. ### B. The Housing (R2-Slash-Q) The suffix codes indicate specific environmental and physical protections: * **Insulation Resistance:** Usually rated at 1,000 MΩ minimum at 500V DC. * **Dielectric Strength:** Capable of withstanding 1,500V AC for one minute without breakdown. * **Thermal Protection:** The body is constructed from Diallyl Phthalate (DAP) or high-grade phenolic resin, which is flame-retardant (UL94V-0). ### C. Mechanical Interface * **Bushing:** 12mm or 6mm standard diameter (depending on exact sub-series). * **Sealing:** The "R2" often denotes a reinforced seal or an O-ring at the base of the toggle to prevent dust and moisture ingress into the electronic contacts. --- ## 3. Wiring Logic The switch operates on a simple break-before-make or make-before-break logic: ```python # Conceptual Logic for a 3-pin (SPDT) Configuration if Toggle == "UP": Terminal_1 + Terminal_2 = CLOSED Terminal_2 + Terminal_3 = OPEN elif Toggle == "DOWN": Terminal_1 + Terminal_2 = OPEN Terminal_2 + Terminal_3 = CLOSED ``` --- ## 4. Common Applications Due to its robust electronic design, this part is commonly found in: 1. **Industrial Control Panels:** Emergency stop overrides or mode selectors. 2. **Aerospace/Marine:** Navigational lighting or instrument power. 3. **Medical Equipment:** Power isolation switches for diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the exact contact material used in the W2PA-11Y series?
    • ⤷ Can this switch be used for DC applications
    • ⤷ and at what current rating?
    • ⤷ What is the NEMA or IP rating for the R2 sealing variant?