Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PA-13F-R2/N

  • AI
    ### W2PA-13F-R2/N Overview The **W2PA-13F-R2/N** is a specialized electronic component typically used in high-frequency wireless communication applications. It is categorized as a **Surface Mount Device (SMD) Power Amplifier** or a related RF (Radio Frequency) module, often found in Wi-Fi and networking hardware. --- ### Technical Specifications The following table outlines the general electronic characteristics associated with this part series: | Parameter | Description / Typical Value | | :--- | :--- | | **Component Type** | RF Power Amplifier / Module | | **Frequency Range** | Typically 2.4 GHz and/or 5 GHz bands | | **Package Type** | Surface Mount (SMD) | | **Application** | WLAN, IEEE 802.11b/g/n, Wireless Routers | | **Supply Voltage (Vcc)** | 3.3V - 5.0V (Standard Logic Levels) | | **Mounting Style** | Reflow Solderable | --- ### Key Electronic Functional Blocks The internal architecture of a W2PA-series module usually includes the following stages: 1. **Input Matching Network**: Matches the impedance (usually 50 ohms) to ensure maximum power transfer from the previous stage. 2. **Gain Stages**: Transistor-based amplification (often using GaAs or CMOS technology) to boost the signal strength. 3. **Power Detector**: Integrated circuitry to monitor the output power level for closed-loop control. 4. **Bias Control**: Manages the operating point of the transistors to balance efficiency and linearity. --- ### Pinout and Connectivity Considerations When integrating this part into a PCB design, engineers must focus on: * **Thermal Management**: The bottom pad (if applicable) must be soldered to a large ground plane to dissipate heat generated during high-power transmission. * **Decoupling Capacitors**: Placing capacitors near the $V_{cc}$ pins is critical to prevent voltage drops and noise interference. * **Impedance Control**: RF traces (input/output) must be calculated based on the PCB substrate (e.g., FR-4) to maintain signal integrity. --- ### Usage in Circuitry ```mermaid graph LR A[Baseband/Transceiver] --> B[W2PA-13F-R2/N Input] B --> C[Amplification Stage] C --> D[Low Pass Filter] D --> E[Antenna] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific gain and output power ratings for this model?
    • ⤷ Is this component compatible with 802.11ax (Wi-Fi 6) standards?
    • ⤷ What is the recommended footprint and solder mask clearance for this SMD package?