Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PA-5CD-R/CE

  • AI
    The **W2PA-5CD-R/CE** is a specialized electronic component, typically categorized as a **Wireless LAN (Wi-Fi) Module**. These modules are designed for integration into consumer electronics, office equipment, and industrial devices to provide wireless connectivity. --- ### 1. Technical Specifications Below is a breakdown of the typical technical profile for this series of modules: | Feature | Specification | | :--- | :--- | | **Connectivity** | IEEE 802.11b/g/n (Wi-Fi) | | **Frequency Band** | 2.4 GHz | | **Interface Type** | USB 2.0 (High Speed) | | **Supply Voltage** | 3.3V DC (Typical) | | **Form Factor** | Compact Surface Mount (SMD) or Pin-header | | **Certification** | CE (European Conformity), RoHS | --- ### 2. Key Electronic Components The "Electronic Parts" within the module assembly usually consist of the following: #### A. Main Chipset (SoC) The heart of the module is usually a **Realtek** or **MediaTek** wireless controller. This chip handles the MAC (Media Access Control), Baseband, and Radio functions. #### B. RF Front End * **Antenna Terminal:** Often features a PCB trace antenna or a U.FL connector for an external antenna. * **Filters:** Band-pass filters to reduce interference from other 2.4GHz devices (like Bluetooth). #### C. Power Management * **LDO Regulators:** Low-Dropout regulators ensure the chipset receives a stable voltage, protecting the sensitive RF circuits from power fluctuations. #### D. Clocking * **Crystal Oscillator:** Provides the precise timing (usually 20MHz or 40MHz) required for radio frequency synthesis and data processing. --- ### 3. Application Use Cases Because of the **CE** marking and its specific interface, it is commonly found in: 1. **Smart TVs/Projectors:** Providing internet access for streaming. 2. **Printers/Scanners:** Enabling wireless printing and scanning. 3. **Industrial PCs:** Adding networking capabilities to legacy hardware. 4. **Set-Top Boxes:** Connectivity for OTT (Over-the-Top) services. --- ### 4. Integration Considerations ```c // Typical Driver/Firmware requirement // The W2PA series often relies on the RTL8188 or RTL8192 chipset family. // On Linux systems, the kernel module is usually: modprobe rtl8188eu ``` ---
    ✨ Follow-up Questions
    • ⤷ Which chipset is specifically used in the W2PA-5CD-R/CE version?
    • ⤷ What is the physical pinout configuration for this module?
    • ⤷ Are there specific driver requirements for Windows 11?