Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PA-5DB-R2SLASHQ

  • AI
    The **W2PA-5DB-R2SLASHQ** is a high-performance external Wi-Fi antenna designed for wireless communication applications. It is commonly used with routers, access points, and embedded wireless modules. --- ### ## Technical Specifications The following table outlines the primary electrical and mechanical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Part Number** | W2PA-5DB-R2SLASHQ | | **Frequency Range** | 2.4 GHz - 2.5 GHz (Dual-band versions available) | | **Peak Gain** | 5.0 dBi | | **Connector Type** | RP-SMA (Reverse Polarity SMA) | | **Impedance** | 50 Ohms | | **VSWR** | ≤ 2.0 | | **Polarization** | Linear Vertical | | **Radiation Pattern** | Omni-directional | --- ### ## Electronic Design Components This part consists of several critical electronic and physical elements that define its performance: 1. **Radiating Element:** Usually a copper or brass wire/PCB trace inside the plastic housing, designed to resonate at 2.4GHz to convert electrical signals into electromagnetic waves. 2. **Impedance Matching Network:** Internal circuitry ensures the antenna maintains a 50-ohm impedance to minimize signal reflection (VSWR), maximizing power transfer from the radio to the air. 3. **RP-SMA Connector:** The interface uses a "Reverse Polarity" pin configuration, which is the industry standard for consumer Wi-Fi equipment to comply with local regulatory mandates. 4. **Radome (Housing):** The outer plastic shell is made from UV-stabilized material that protects the internal electronic elements from environmental factors without attenuating the RF signal. --- ### ## Application Use Cases * **Wireless Routers:** Boosting the signal range of home or industrial gateways. * **IoT Nodes:** Providing reliable connectivity for long-range sensors. * **Embedded Modules:** Used with ESP32 or Raspberry Pi kits that feature an external antenna jack.
    ✨ Follow-up Questions
    • ⤷ What is the difference between dBi and dBd in antenna gain?
    • ⤷ Can this antenna be used for 5GHz Wi-Fi bands?
    • ⤷ How does the VSWR rating affect overall signal quality?