Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PA-5GC-R/N

  • AI
    The **W2PA-5GC-R/N** is a specialized electronic component, typically identified as a **high-frequency, high-power RF (Radio Frequency) power divider/combiner** or a related microwave component used in telecommunications infrastructure. Below is a detailed breakdown of its electronic characteristics and typical specifications. --- ### 1. General Overview This component is designed to operate within the **5G sub-6GHz frequency bands**. It is used to distribute signal power evenly among multiple outputs or combine power from several sources into a single path. ### 2. Key Technical Specifications While exact specifications can vary slightly by manufacturer, the "5GC" designation usually points to these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Frequency Range** | 600 MHz to 6000 MHz (Covers 4G LTE & 5G NR) | | **Power Handling** | Usually rated for 30W - 50W (Average) | | **Impedance** | 50 Ohms (Standard RF) | | **Connector Type** | N-Type (Female) - Indicated by the "/N" suffix | | **Split Loss** | 3dB (for 2-way) + Insertion Loss | | **Isolation** | $\ge$ 20 dB (Minimum separation between ports) | --- ### 3. Electronic Components & Internal Construction The device is a passive component, meaning it does not require an external power source to function. It typically contains: * **Microstrip/Stripline Circuitry:** The core consists of a PCB with precise copper traces (often using Teflon or ceramic substrates) designed to maintain 50-ohm impedance. * **Resistors (Wilkinson Type):** If it is a Wilkinson divider, it contains high-power isolation resistors to absorb reflected power and ensure port-to-port isolation. * **Aluminum Housing:** The "R" in the part number often refers to a "Ruggedized" or "Rectangular" aluminum casing that provides EMI/RFI shielding and heat dissipation. * **Sealing:** The N-Type connectors are usually weather-sealed (O-rings) for outdoor telecommunications use. --- ### 4. Part Number Breakdown (Nomenclature) | Segment | Meaning | | :--- | :--- | | **W2PA** | Series Identifier (Wideband Power Array/Divider) | | **5GC** | 5G Compatible / High-Frequency Band coverage | | **R** | Ruggedized Housing / Rectangular Form Factor | | **N** | N-type Female Connectors | --- ### 5. Common Applications * **Distributed Antenna Systems (DAS):** Splitting signals across different floors in a building. * **5G Base Stations:** Combining signals from multiple power amplifiers. * **Signal Sampling:** Using one port to monitor the signal while the other continues to the antenna.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an N-type and an SMA connector for this component?
    • ⤷ Does this device support DC pass-through for powering active antennas?
    • ⤷ What is the maximum VSWR rating for the W2PA series?