Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PA-5GF-R/N

  • AI
    The **W2PA-5GF-R/N** is a specialized high-speed connector, typically belonging to the **Floating Board-to-Board** connector category. These components are designed to handle high-speed data transmission while compensating for alignment errors during the assembly of multiple PCBs (Printed Circuit Boards). --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics for this series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Floating Board-to-Board Connector | | **Pitch** | Generally 0.5mm or 0.8mm (Series dependent) | | **Transmission Speed** | Up to 10 Gbps+ (Supports PCIe Gen3/Gen4, SATA, etc.) | | **Floating Range** | X and Y directions (approx. ±0.5mm to ±0.8mm) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Contact Material** | Copper Alloy with Gold Plating | --- ### 2. Physical Structure and Mechanics The "Floating" mechanism is the most critical electronic/mechanical part of this component. * **Spring-Loaded Contacts:** The internal terminals are shaped like springs. This allows the connector head to move independently of the base soldered to the PCB. * **Wiping Action:** The contacts are designed to "wipe" against each other during mating to remove dust and ensure a low-resistance electrical connection. * **Dual-Contact Points:** High-reliability versions often feature two contact points per terminal to ensure connectivity even under high vibration. --- ### 3. Electronic Performance Features 1. **Impedance Matching:** The internal geometry is engineered to maintain a 100Ω (differential) or 50Ω (single-ended) impedance, which is crucial for preventing signal reflection in high-speed circuits. 2. **Crosstalk Suppression:** The shielding and pin-out arrangement are optimized to reduce EMI (Electromagnetic Interference) and crosstalk between adjacent signal pairs. 3. **Current Rating:** Despite being high-speed data connectors, they usually support a current of roughly 0.5A to 1.0A per pin for power delivery. --- ### 4. Common Applications These parts are predominantly found in industrial and automotive electronics where multiple boards are stacked: * **Automotive Infotainment:** Connecting the display board to the main processing unit. * **Industrial Automation:** PLCs and robotic controllers. * **Telecommunications:** Base stations and networking hardware. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the W2PA series?
    • ⤷ How does the floating mechanism impact signal integrity?
    • ⤷ What are the soldering requirements for the SMT pads on this connector?