Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PE-11A-R2

  • AI
    The **W2PE-11A-R2** is a specialized electronic component, typically categorized as a **terminal block interface module** or a **relay terminal unit**, commonly used in industrial automation and PLC (Programmable Logic Controller) systems. It serves as a bridge between high-density controller outputs and field devices. --- ### 1. Key Technical Specifications Below are the general characteristics typically associated with this model: | Feature | Description | | :--- | :--- | | **Type** | Relay Terminal Block / Interface Module | | **Channels** | 16-Channel (standard for this series) | | **Input Voltage** | 24V DC (Common for industrial control) | | **Switching Element** | Electromagnetic Relays (Replaceable) | | **Connection Type** | Screw terminals for field wiring; Ribbon cable/MIL connector for PLC | | **Mounting** | DIN Rail (35mm) | --- ### 2. Major Electronic Sub-components The module is composed of several critical electronic parts that ensure signal integrity and circuit protection: #### A. Power Relays * **Function:** These are the primary switching elements. They allow a low-power signal from a PLC to control a high-power load (like a motor starter or solenoid). * **Benefit:** Provides **galvanic isolation** between the control logic and the field load. #### B. Protection Diodes (Flyback Diodes) * **Function:** Placed across the relay coils. * **Purpose:** To suppress voltage spikes (back EMF) generated when the relay coil is de-energized, protecting the driving transistor in the PLC. #### C. LED Status Indicators * **Function:** Visual feedback for each channel. * **Purpose:** Lights up when the specific relay is energized, allowing technicians to troubleshoot logic flow without a multimeter. #### D. Input Connector (MIL/Header) * **Function:** A high-density connector (often 20-pin or 40-pin). * **Purpose:** To facilitate "Plug-and-Play" connectivity using a pre-made cable to the PLC, reducing wiring errors and labor time. --- ### 3. Application Use Case The W2PE-11A-R2 is used in environments where a PLC's internal transistors are too weak to drive the required load. 1. **PLC Output:** Sends a 24V DC signal via a ribbon cable. 2. **Interface Module:** The W2PE-11A-R2 receives the signal and closes the mechanical relay contact. 3. **Field Device:** A 230V AC motor or 110V AC solenoid is powered through the relay contacts. --- ### 4. Circuit Diagram Representation (Simplified) ```text [ PLC Output ] ----> [ Connector ] ----> [ Protection Diode ] | [ Relay Coil ] ----> [ Status LED ] | [ Field Power ] ----> [ Relay Contact ] ----> [ Load (Motor/Valve) ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum contact current rating for the W2PE-11A-R2 relays?
    • ⤷ Are the individual relays on this module replaceable if they fail?
    • ⤷ Which PLC brands are most compatible with this interface module?