Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PE-50B-R2

  • AI
    The **W2PE-50B-R2** is a specialized electronic component, typically categorized as a high-density, high-speed connector or adapter board used in industrial automation, PLC (Programmable Logic Controller) interfacing, or test equipment. --- ### 1. Technical Specifications Overview The "W2PE" series is frequently associated with interface modules or conversion boards that bridge different wiring standards. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Interface Terminal Block / Connector Board | | **Pin Count** | 50-Pin (as indicated by the "50B" suffix) | | **Mounting Type** | DIN Rail or Panel Mount | | **Connection Method** | Ribbon cable to Screw Terminal (or Spring-loaded) | | **Voltage Rating** | Typically 24V DC to 125V AC (Application dependent) | | **Current Rating** | 0.5A to 1A per point | --- ### 2. Key Physical Components The board consists of several critical electronic and mechanical parts: 1. **50-Pin Male/Female Header:** This serves as the primary input/output port, often designed to connect to PLC I/O cards using a standard flat ribbon cable. 2. **Terminal Blocks:** Individual screw or spring terminals that allow for field wiring (connecting sensors, actuators, or power supplies). 3. **PCB (Printed Circuit Board):** A multi-layer board that routes the signals from the high-density 50-pin connector to the accessible terminal blocks. 4. **Marking Strips:** Numbered labels (1 through 50) used to identify pin assignments for maintenance and installation. --- ### 3. Common Applications * **PLC I/O Expansion:** Used to break out a 50-pin high-density connector from a PLC (like Mitsubishi or Omron) into individual wires. * **Test Fixtures:** Providing a clean interface for testing multi-wire cable harnesses. * **Control Cabinets:** Organizing messy wiring into a structured DIN rail format. --- ### 4. Circuit Diagram Logic The internal wiring logic of the W2PE-50B-R2 is a **1-to-1 Mapping**: ```text [50-Pin Header] <--------> [PCB Traces] <--------> [Screw Terminals] Pin 1 -------------------------------------------- Terminal 1 Pin 2 -------------------------------------------- Terminal 2 ... ... Pin 50 ------------------------------------------- Terminal 50 ```
    ✨ Follow-up Questions
    • ⤷ Is the W2PE-50B-R2 compatible with Mitsubishi PLC Q-Series modules?
    • ⤷ What is the pitch spacing between the pins on this connector?
    • ⤷ Are there versions of this board with integrated LED status indicators?