Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PE-52G-R2

  • AI
    The **W2PE-52G-R2** is a specific industrial-grade networking or interface module, typically associated with serial-to-Ethernet conversion or specialized expansion cards used in embedded computing. Below is a detailed breakdown of its electronic components and characteristics. ### 1. Overview and Function The W2PE-52G-R2 is generally categorized as a **Mini-PCIe to Gigabit Ethernet/Serial** expansion module. It is designed to add high-speed connectivity to industrial motherboards or single-board computers (SBCs) that have an available Mini-PCIe slot. --- ### 2. Core Electronic Specifications The following table outlines the technical parameters typically found in this specific hardware revision: | Feature | Specification | | :--- | :--- | | **Form Factor** | Full-size Mini-PCIe (PCI Express Mini Card) | | **Interface Chipset** | Often utilizes Realtek (RTL series) or Intel networking controllers | | **Ethernet Speed** | 10/100/1000 Mbps (Gigabit Ethernet) | | **Connector Type** | Usually a 2-pin or 10-pin header for external RJ45 cable | | **Voltage Supply** | 3.3V (Standard for Mini-PCIe) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 3. Key Electronic Components The board consists of several critical stages to ensure data integrity and power stability: * **Ethernet Controller (IC):** The "brain" of the card that handles the Physical Layer (PHY) and Media Access Control (MAC) for network data. * **Isolation Transformer (Magnetics):** A small black block (MagJack or separate chip) that provides 1.5kV isolation to protect the system from electrical surges on the LAN cable. * **Voltage Regulators (LDO):** Steps down the 3.3V from the PCIe bus to lower voltages (e.g., 1.1V or 1.8V) required by the controller core. * **Clock Oscillator:** Usually a 25MHz crystal that provides the timing frequency for the Ethernet controller. * **Status LEDs:** Surface-mount LEDs (or headers for them) to indicate "Link" and "Activity" status. --- ### 4. Implementation Example If you are integrating this into a Linux or Windows environment, the hardware is recognized via the PCIe bus. Below is a conceptual example of how the system identifies the device: ```bash # Command to check if the PCIe Ethernet device is detected in Linux lspci -nn | grep -i ethernet # Expected output (example): # 02:00.0 Ethernet controller [0200]: Realtek Semiconductor Co., Ltd. RTL8111/8168/8411 [10ec:8168] (rev 06) ``` --- ### 5. Physical Connectivity Because Mini-PCIe cards are small, the RJ45 port is usually not mounted directly on the PCB. Instead: 1. A **ribbon cable** or **twisted pair cable** connects to a header on the W2PE-52G-R2. 2. The other end of the cable attaches to a **daughterboard** or a bulkhead-mounted RJ45 port.
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the W2PE-52G-R2 header?
    • ⤷ Which drivers are required for W2PE-52G-R2 on Windows 10?
    • ⤷ Can this module be used in a standard laptop Mini-PCIe slot?