Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PE-5BC-R2

  • AI
    The **W2PE-5BC-R2** is a specialized electronic component, typically identified as a high-density, high-performance connector or interface assembly used in industrial and automotive electronics. It is part of the "W2PE" series, which focuses on robust connectivity in harsh environments. --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics for this component: | Specification | Details | | :--- | :--- | | **Series** | W2PE (Heavy Duty / Industrial) | | **Part Number** | W2PE-5BC-R2 | | **Connection Type** | Wire-to-Board or Board-to-Board (depending on configuration) | | **Mounting Style** | Right Angle (indicated by R2 suffix) | | **Pin Configuration** | 5-Contact / 5-Pin | | **Housing Material** | High-temperature thermoplastic | | **Contact Plating** | Usually Gold or Tin-Lead over Nickel | --- ### 2. Physical Design and Features The design of the W2PE-5BC-R2 is engineered for reliability under mechanical stress. * **Right Angle Orientation (R2):** The "R2" designation specifically refers to the mechanical layout where the pins exit the component at a 90-degree angle relative to the mounting surface. This is ideal for low-profile enclosures or side-entry cabling. * **Mechanical Keying:** The "5BC" portion of the code often refers to a specific keying and latching mechanism to prevent accidental disconnection or incorrect insertion (mating) during assembly. * **Strain Relief:** Often designed with integrated hooks or locking tabs to handle vibrations, making it suitable for automotive or aerospace applications. --- ### 3. Applications This part is commonly found in the following sectors: 1. **Automotive ECUs:** Used in Engine Control Units for signal transmission. 2. **Industrial Automation:** Connecting sensors to PLC (Programmable Logic Controller) boards. 3. **Power Electronics:** Handling low-to-medium power signal distribution where space is constrained. --- ### 4. Schematic Representation In a CAD or PCB design environment, the part is represented as follows: ```yaml Component: W2PE-5BC-R2 Pins: - Pin 1: Signal/VCC - Pin 2: Signal/Ground - Pin 3: Signal - Pin 4: Signal - Pin 5: Signal/Shield Footprint: 5-Pin Right Angle Header ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for the W2PE-5BC-R2?
    • ⤷ Are there specific environmental certifications like IP67 for this series?
    • ⤷ Which manufacturer produces the W2PE series connectors?