Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PE-5FE-R

  • AI
    The **W2PE-5FE-R** is a compact, industrial-grade unmanaged Ethernet switch module. It is primarily designed for embedded applications where space is limited and reliability in harsh environments is required. --- ### ## Technical Specifications Below is a breakdown of the core electronic and functional characteristics of the W2PE-5FE-R. | Feature | Specification | | :--- | :--- | | **Port Count** | 5-Port 10/100Mbps Ethernet | | **Interface Type** | RJ45 (usually via headers or connectors depending on carrier board) | | **Input Voltage** | DC 5V - 12V (Wide range) | | **Power Consumption** | Max ~1.5W | | **Operating Temperature** | -40°C to +75°C (Industrial Grade) | | **Standards** | IEEE 802.3, 802.3u, 802.3x | | **Dimensions** | Approx. 45mm x 45mm (Ultra-compact) | --- ### ### Key Electronic Components & Design The architecture of the W2PE-5FE-R revolves around efficiency and noise suppression: 1. **Ethernet Controller (Switch SoC):** * It utilizes a highly integrated, low-power switch chip (often from Realtek or MediaTek architectures) that handles the **Store-and-Forward** switching mechanism. * It supports **Auto-MDI/MDIX**, eliminating the need for crossover cables. 2. **Magnetic Isolation Transformers:** * The board includes small magnetic modules (transformers) for each port. These provide **1.5kV galvanic isolation**, protecting the internal logic circuits from voltage spikes and static electricity on the network lines. 3. **Power Management Circuitry:** * Includes an onboard **DC-DC Buck Regulator**. This allows the module to accept a wide input voltage range while stepping it down to the 3.3V or 1.2V required by the SoC. * Equipped with TVS (Transient Voltage Suppressor) diodes to prevent damage from power surges. 4. **LED Indicators:** * The PCB typically features SMD LEDs for **Link/Act** (Activity) and **Power** status, allowing for quick hardware diagnostics. --- ### ### Application Use-Cases Due to its small footprint and "plug-and-play" nature, it is commonly used in: * **Industrial IoT Gateways:** Connecting multiple sensors to a single uplink. * **Robotics:** Internal communication between single-board computers (SBCs) and motor controllers. * **Security/CCTV:** Expanding network drops in tight enclosures or junction boxes. * **Embedded Systems:** Integrating networking capabilities directly into a custom machine chassis. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout definitions for the power input on the W2PE-5FE-R?
    • ⤷ Does this switch support VLAN tagging or is it strictly unmanaged?
    • ⤷ What are the mounting options for this specific PCB module?