Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PE-5FE-R2

  • AI
    ## Technical Overview: W2PE-5FE-R2 The **W2PE-5FE-R2** is typically categorized as an industrial-grade **Unmanaged Fast Ethernet Switch Module**. It is designed for embedded applications where space is limited and reliability in harsh environments is required. --- ### 1. Key Electronic Specifications The device acts as a multiport bridge, connecting various Ethernet-enabled devices within a localized system. | Feature | Specification | | :--- | :--- | | **Interface** | 5-Port 10/100Base-T(X) | | **Connector Type** | RJ45 or Header-based (depending on specific OEM version) | | **Input Voltage** | Typically 5V - 12V DC (Wide range) | | **Transmission Mode** | Full/Half Duplex (Auto-negotiation) | | **Standard Compliance** | IEEE 802.3, 802.3u, 802.3x (Flow Control) | | **Operating Temp** | -40°C to +75°C (Industrial Grade) | --- ### 2. Core Components and Architecture #### A. Ethernet Controller (The "Brain") The heart of the module is usually a single-chip Ethernet switch controller (often from vendors like **Realtek** or **Marvell**). This chip handles: * **MAC Address Learning:** Stores up to 1K or 2K addresses in an internal table. * **Packet Forwarding:** Uses "Store-and-Forward" switching architecture to ensure data integrity before sending. #### B. Magnetics (Isolation Transformers) Each of the 5 ports includes a magnetic module. These serve two electronic purposes: 1. **Signal Coupling:** Ensuring the differential signals are passed correctly. 2. **Galvanic Isolation:** Protecting the internal circuitry from high-voltage spikes or static electricity (ESD) on the Ethernet cable. #### C. Power Management Unit (PMU) The module includes onboard voltage regulators (Buck converters or LDOs) to step down the input voltage to the 3.3V or 1.2V levels required by the switch IC. --- ### 3. Pinout and Integration In embedded forms, the R2 version often utilizes a header layout for integration onto a carrier board. ```text Typical Power/Status Header: Pin 1: VCC (Power Input) Pin 2: GND (Ground) Pin 3: LED_Link (Active Low) Pin 4: LED_Speed (Active Low) ``` --- ### 4. Application Use-Cases * **Industrial Automation:** Connecting PLCs and HMIs inside a control cabinet. * **Robotics:** Internal communication between a main processor and peripheral sensors. * **IoT Gateways:** Expanding the number of wired connections for smart building hubs.
    ✨ Follow-up Questions
    • ⤷What is the maximum power consumption of the W2PE-5FE-R2 module?
    • ⤷ Does this module support DIN-rail mounting or is it PCB-only?
    • ⤷ What are the specific dimensions of the R2 hardware revision?