Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2PE-5GC-R

  • AI
    The **W2PE-5GC-R** is a high-performance, industrial-grade 5G Sub-6GHz M.2 module, typically based on the Qualcomm Snapdragon X62 or X65 chipset architecture. It is designed specifically for IoT, eMBB (Enhanced Mobile Broadband), and industrial routing applications. --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 Key B (3052 Standard) | | **Chipset** | Qualcomm Snapdragon X62/X65 | | **Network Support** | 5G NR (SA/NSA), 4G LTE-A Cat 16/19, 3G WCDMA | | **Frequency Bands** | Sub-6GHz (Global coverage) | | **Max Download Speed** | Up to 2.4 Gbps - 3.4 Gbps (depending on configuration) | | **Interface** | PCIe Gen 3 / USB 3.1 | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Core Electronic Components & Architecture ### A. The Baseband Processor (The Brain) At the heart of the module is the **Qualcomm Snapdragon SDX62/65**. This SOC handles: * **Signal Processing:** Converting radio waves into digital data. * **Protocol Stack:** Managing the handshakes between the device and the 5G tower. * **Power Management:** Optimizing energy consumption based on data throughput. ### B. RF Front-End (RFFE) The RF section consists of several critical sub-components: * **Power Amplifiers (PA):** Boosts the signal for transmission to distant cell towers. * **Low Noise Amplifiers (LNA):** Boosts weak incoming signals from the tower while minimizing interference. * **Filters/Duplexers:** Isolates specific frequency bands to prevent signal "bleeding" between upload and download streams. ### C. Antenna Interfaces The module typically features **four (4) MHF4 (IPEX4)** antenna connectors: * **MIMO Support:** 4x4 MIMO (Multiple Input Multiple Output) on 5G/LTE bands to increase data reliability and speed. * **GNSS Integration:** Dedicated antenna support for GPS/GLONASS/Beidou/Galileo for precise positioning. ### D. Connectivity Interfaces The M.2 "Gold Finger" connector provides the following electrical paths: * **USB 3.1:** High-speed data path for most Linux/Windows integrations. * **PCIe:** Low-latency interface for high-performance industrial routers. * **SIM Interface:** Dual SIM (DSSA) support or eSIM capabilities. * **PCM/I2S:** For digital audio applications (VoLTE). --- ## 3. Application Use Cases Due to its robust electronic design, the W2PE-5GC-R is found in: 1. **Industrial Routers:** Providing 5G failover for manufacturing plants. 2. **Smart Cities:** High-definition CCTV streaming and traffic management. 3. **Autonomous Vehicles:** Low-latency V2X communication. 4. **Remote Medicine:** Reliable high-bandwidth links for diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the W2PE-5GC-R during peak 5G transmission?
    • ⤷ How does the W2PE-5GC-R handle thermal dissipation in enclosed industrial environments?
    • ⤷ Is this module compatible with OpenWRT or other open-source router firmware?